Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4995C Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4995C
Description  50mA to 600mA Programmable Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995C Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4995C Datasheet HTML 1Page - Maxim Integrated Products MAX4995C Datasheet HTML 2Page - Maxim Integrated Products MAX4995C Datasheet HTML 3Page - Maxim Integrated Products MAX4995C Datasheet HTML 4Page - Maxim Integrated Products MAX4995C Datasheet HTML 5Page - Maxim Integrated Products MAX4995C Datasheet HTML 6Page - Maxim Integrated Products MAX4995C Datasheet HTML 7Page - Maxim Integrated Products MAX4995C Datasheet HTML 8Page - Maxim Integrated Products MAX4995C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4995A/MAX4995AF/MAX4995AL/MAX4995B/
MAX4995C programmable current-limit switches feature
internal current limiting to prevent damage to host
devices due to faulty load conditions. These analog
switches feature a low 130mΩ (typ) on-resistance and
operate from a +1.7V to +5.5V input voltage range. The
current limit is adjustable from 50mA to 600mA, making
these devices ideal for SDIO (secure digital input/out-
put) and other load-switching applications.
Each device in the family handles an overcurrent event
differently depending on the option selected. The
MAX4995A/MAX4995AF/MAX4995AL go into an autoretry
mode, the MAX4995B latches off the switch, and the
MAX4995C places the device in a continuous current-limit
mode. Additional safety features include thermal shut-
down to prevent overheating and reverse-current blocking
to prevent current from being driven back into the source.
The MAX4995A/MAX4995AF/MAX4995AL/MAX4995B/
MAX4995C are available in a tiny 10-pin, 1.4mm x 1.8mm
UTQFN package and operate over the -40°C to +125°C
extended temperature range.
Applications
SDIO Ports
USB Ports
Notebook VGA Ports
GPS
Cell Phones
MP3 Players
UTCA/ATCA Platforms
Features
♦ 50mA to 600mA Programmable Current Limit
♦ ±10% Accurate Current Limit
♦ Overload FLAG Threshold
♦ Low Dropout Voltage
♦ Short-Circuit Protection
♦ Thermal Shutdown
♦ Reverse-Current Protection
♦ 170µA (typ) Supply Current
♦ +1.7V to +5.5V Supply Voltage Range
♦ Tiny 10-Pin, 1.4mm x 1.8mm UTQFN Package
50mA to 600mA Programmable
Current-Limit Switches
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
19-4363; Rev 0; 11/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
All devices operate over the -40°C to +125°C temperature range.
+Denotes a lead-free package.
*Future product. Contact factory for availability.
Ordering Information/Selector Guide continued at end of data sheet.
PART
PIN-
PACKAGE
ON POLARITY
OVERCURRENT
RESPONSE
SHORT-CIRCUIT
RESPONSE
TOP MARK
MAX4995AAUK+T*
6 SOT23
ActIve-High
Autoretry
Normal
+ACNZ
MAX4995AAVB+T
10 UTQFN
Active-High
Autoretry
Normal
+AAM
MAX4995AFAUK+T*
6 SOT23
Active-High
Autoretry
Fast
+ACOE
MAX4995AFAVB+T
10 UTQFN
Active-High
Autoretry
Fast
+AAR
MAX4995ALAUK+T*
6 SOT23
Active-Low
Autoretry
Normal
+ACDA
Typical Operating Circuit appears at end of data sheet.
Pin Configurations
35
10
8
IN
* ( ) FOR THE MAX4995AL ONLY.
OUT
MAX4995A/MAX4995AF
MAX4995AL/MAX4995B
MAX4995C
4
9
N.C.
ON (ON)* GND
1.4mm x 1.8mm
UTQFN
TOP VIEW
SETI
7
OUT
1
IN
6
N.C.
2
FLAG
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX4995C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995C MAXIM-MAX4995C Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995C MAXIM-MAX4995C Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995C MAXIM-MAX4995C Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995CATA+T MAXIM-MAX4995CATA+T Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995CATA+T MAXIM-MAX4995CATA+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com