Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4995B Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4995B
Description  50mA to 600mA Programmable Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4995B Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4995B Datasheet HTML 4Page - Maxim Integrated Products MAX4995B Datasheet HTML 5Page - Maxim Integrated Products MAX4995B Datasheet HTML 6Page - Maxim Integrated Products MAX4995B Datasheet HTML 7Page - Maxim Integrated Products MAX4995B Datasheet HTML 8Page - Maxim Integrated Products MAX4995B Datasheet HTML 9Page - Maxim Integrated Products MAX4995B Datasheet HTML 10Page - Maxim Integrated Products MAX4995B Datasheet HTML 11Page - Maxim Integrated Products MAX4995B Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
50mA to 600mA Programmable
Current-Limit Switches
_______________________________________________________________________________________
9
FLAG Indicator
FLAG is an open-drain fault indicator output and requires
an external pullup resistor to a DC supply.
FLAG goes
low when any of the following conditions occurs:
The device is in current-limit mode.
The OUT voltage is above the IN voltage by more
than 110mV (typ).
The die temperature exceeds the thermal-shutdown
temperature limit of +150°C.
SETI is connected to ground.
Thermal Shutdown
Thermal-shutdown circuitry protects the devices from
overheating. The switch turns off and
FLAG goes low
immediately when the junction temperature exceeds
+150°C (typ). The switch turns on again after the device
temperature drops by approximately 15°C (typ).
tRETRY
tBLANK
tBLANK
tBLANK
tBLANK
tRETRY
FLAG
OUT
CURRENT LIMIT
LOAD CURRENT
THE DEVICE GOES TO
THERMAL-SHUTDOWN MODE
Figure 2. Autoretry Fault Diagram
tBLANK
tBLANK
FLAG
OUT
CURRENT LIMIT
LOAD CURRENT
THE DEVICE GOES TO
THERMAL-SHUTDOWN MODE
Figure 3. Latchoff Fault Diagram


Similar Part No. - MAX4995B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995B MAXIM-MAX4995B Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995B MAXIM-MAX4995B Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995B MAXIM-MAX4995B Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4995BATA+T MAXIM-MAX4995BATA+T Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995BATA+T MAXIM-MAX4995BATA+T Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
More results

Similar Description - MAX4995B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4995A MAXIM-MAX4995A_09 Datasheet
289Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 1; 6/09
MAX4995A MAXIM-MAX4995A_10 Datasheet
341Kb / 13P
   50mA to 600mA Programmable Current-Limit Switches
Rev 2; 2/10
MAX4995A MAXIM-MAX4995A_V01 Datasheet
1Mb / 14P
   50mA to 600mA Programmable Current-Limit Switches
2019
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
logo
Linear Technology
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
   ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4826 MAXIM-MAX4826_09 Datasheet
206Kb / 11P
   50mA/100mA Current-Limit Switches with NO-LOAD Flag in uDFN
Rev 1; 8/09
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com