Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

32.7680LSMA025UMTA Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 32.7680LSMA025UMTA
Description  Low Power - Low Frequency SMD Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

32.7680LSMA025UMTA Datasheet(HTML) 1 Page - EUROQUARTZ limited

  32.7680LSMA025UMTA Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
Low Power - Low Frequency SMD Oscillator
DESCRIPTION
LSM series oscillators are precision surface mount oscillators with a
frequency range from 30kHz to 200kHz. The part comprises of a
hermetically sealed crystal with a hybrid circuit sealed in a ceramic
package with a Kovar lid. Full MIL testing is available.
Low current consumption, low frequency from 30kHz
Low profile, miniature SMD package
Full military testing available
Testing to MIL-PRF-55310 available
LSM Series Oscillators
Frequency Range****:
30kHz to 200kHz (32.768kHz)
Supply Voltage*:
3.3 or 5.0 Volts ±10%
Calibration Tolerance**
Code A:
±0.001% (±10ppm)
Code B:
±0.0025%
Code C:
±0.01%
Frequency Stability***
0° to +50°C:
±0.0025% typical (±25ppm)
±0.004% maximum (±40ppm)
-20° to +40°C:
±0.007% typical (±70ppm)
±0.01% maximum (±100ppm
Voltage Coefficient
±1ppm/V typical
±3ppm/V maximum
Ageing:
±1ppm/year typical
±3ppm/year maximum
Shock:
1000g, 1ms, ½ sine, ±3ppm max.
Vibration:
10g rms, 10-2000Hz, ±3ppm max.
Frequency Change
vs. Output Load Change:
±1ppm maximum
Operating Temperature:
-10° to +70°C Commercial
-40° to +85°C Industrial
-55° to +125°C Military
Output Voltage (5.0V supply)
HIGH:
4.8V minimum, 4.95V typical
LOW:
0.2V maximum, 0.05V typical
Rise/Fall Times:
12ns typical
Symmetry:
40/60% maximum, 45/55% typical
Supply Current
5.0V supply: 15 mA max., 8.3 mA typical
3.3V supply: 10 mA max., 5.5 mA typical
Packaging:
Tray pack (standard)
16mm tape, 17.8cm or 33cm reels
SPECIFICATION
OUTLINE & DIMENSIONS
Example:
32.7680kHz LSMA050UMTA
PART NUMBERING
Frequency
Series Designation LSM
Calibration Tolerance (see table above)
Stability*
100 = ±100ppm
50 = ±50ppm
25 = ±25ppm
Output Universal (CMOS)
Operating Temp. Range
C = Commercial
I = Industrial
M = Military
Pad 1 Function
T = Enable/Disable
Blank = not connected
Supply Voltage**
Blank = 5.0 Volts
A = 3.3 Volts
*
For other stability requirements enter figure required.
**
For other supply voltage enter required voltage.
P - Power Down:
When Pad 1 is LOW the oscillator stops running
T - Enable/Disable: When Pad 1 is LOW the internal oscillator
continues to run but the output (Pad 3) is in a
high impedance (Z) state.
Power Down:
Disabled current consumption low,
recovery delayed.
Enable/Disable:
Disabled current consumption lower than normal,
Recovery immediate.
Option
Power Down
P
Enable/Disable
T
Not Connected
Blank
LOW
High Z
HIGH
Frequency output
LOW
High Z
HIGH
Frequency output
NC
Frequency output
ENABLE/DISABLE, POWER DOWN, NOT CONNECTED
Specifying
Code
Pad 1*
Pad 3
* Normally HIGH (internal pull-up resistor)
ENABLE/DISABLE vs. POWER DOWN
Notes:
*
Contact factory for lower supply voltages
**
Tighter tolerances avialable
***
Does not include calibration tolerance. Positive variations
are small compared to negative variations.
****
Contact factory for frequencies other than 32.7680kHz


Similar Part No. - 32.7680LSMA025UMTA

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
32.768-2X6 EUROQUARTZ-32.768-2X6 Datasheet
143Kb / 1P
   An industry-standard source of 32.768kHz clock signals
32.768-3X8 EUROQUARTZ-32.768-3X8 Datasheet
144Kb / 1P
   An industry-standard source of 32.768kHz clock signals
logo
TAITIEN ELECTRONICS CO....
32.768KHZ TAITIEN-32.768KHZ Datasheet
470Kb / 2P
   Tuning Fork Crystal Units
More results

Similar Description - 32.7680LSMA025UMTA

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LSMA050UMA EUROQUARTZ-LSMA050UMA Datasheet
256Kb / 1P
   Low Power - Low Frequency SMD Oscillator
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
   Low Frequency - Low power SMD Oscillator
logo
Jauch Quartz Gmbh
JO42-3V3 JAUCH-JO42-3V3 Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.8V JAUCH-JO42-2.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.8V JAUCH-JO42-1.8V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-2.5V JAUCH-JO42-2.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JO42-1.5V JAUCH-JO42-1.5V Datasheet
182Kb / 2P
   Low Power/Low Frequency Oscillator
JRO32 JAUCH-JRO32 Datasheet
178Kb / 2P
   Low Power/Low Frequency Oscillator
logo
SiTime Corp.
SIT8009B SITIME-SIT8009B Datasheet
1Mb / 17P
   High Frequency, Low Power Oscillator
SIT1602B SITIME-SIT1602B Datasheet
1Mb / 17P
   Low Power, Standard Frequency Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com