Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4495AUD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4495AUD
Description  SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4495AUD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4495AUD Datasheet HTML 4Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 5Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 6Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 7Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 8Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 9Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 10Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 11Page - Maxim Integrated Products MAX4495AUD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
where the slew rate (SR) is 3V/µs. Figure 2 shows the
full-power bandwidth as a function of the peak-to-peak
AC output voltage.
Power-Up Conditions
The MAX4493/MAX4494/MAX4495 typically settle within
3µs after power-up. See Power-Up Time in
Typical
Operating Characteristics.
Power Supplies and Layout
The MAX4493/MAX4494/MAX4495 operate with dual
supplies from ±2.25V to ±5.5V. Bypass both VCC and
VEE with their own 0.1µF capacitor to ground.
Good layout technique helps optimize performance by
decreasing the amount of stray capacitance at the op
amp’s inputs and outputs. To decrease stray capaci-
tance, minimize trace lengths by placing external com-
ponents close to the op amp’s pins.
SC70, Low-Power, General-Purpose,
Dual-Supply, Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
Chip Information
MAX4493 TRANSISTOR COUNT: 81
MAX4494 TRANSISTOR COUNT: 159
MAX4495 TRANSISTOR COUNT: 318
PROCESS: Bipolar
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
TOP VIEW
MAX4495
INC+
INC-
OUTC
OUTB
INB-
INB+
SO/TSSOP
Pin Configurations (continued)
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
SO/SOT23/
μMAX
TOP VIEW
3
4
6
5
MAX4494
-5V
+5V
VOUT
RISO
-5V
0.1
μF
0.1
μF
0.1
μF
0.1
μF
+5V
Rf
Rg
REF
DAC
MAX4493
Typical Operating Circuit
02
13
5
BANDWIDTH
vs. OUTPUT VOLTAGE SWING
VOUT (Vp-p)
100M
100k
1M
10M
4
AV = +1V/V
Figure 2. Bandwidth vs. Peak-to-Peak AC Voltage Plot


Similar Part No. - MAX4495AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4495AUD MAXIM-MAX4495AUD Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4495AUD++ MAXIM-MAX4495AUD+ Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results

Similar Description - MAX4495AUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com