Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4232 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4232
Description  High-Output-Drive, 10MHz, 10V/μs,, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4232 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4232 Datasheet HTML 1Page - Maxim Integrated Products MAX4232 Datasheet HTML 2Page - Maxim Integrated Products MAX4232 Datasheet HTML 3Page - Maxim Integrated Products MAX4232 Datasheet HTML 4Page - Maxim Integrated Products MAX4232 Datasheet HTML 5Page - Maxim Integrated Products MAX4232 Datasheet HTML 6Page - Maxim Integrated Products MAX4232 Datasheet HTML 7Page - Maxim Integrated Products MAX4232 Datasheet HTML 8Page - Maxim Integrated Products MAX4232 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
High-Output-Drive, 10MHz, 10V/µs,
Rail-to-Rail I/O Op Amps with Shutdown in SC70
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VDD to VSS) ....................................................6V
All Other Pins ....................................(VSS - 0.3V) + (VDD + 0.3V)
Output Short-Circuit Duration to VDD or VSS (Note 1) ................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
6-Pin Thin µDFN (derate 2.1mW/°C above +70°C)...170.2mW
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
8-Pin µMAX® (derate 4.5mW/°C above +70°C) ..........362mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ..........444mW
10-Bump UCSP (derate 6.1mW/°C above +70°C) .....484mW
10-Pin TDFN (derate 24.4mW°C above +70°C) ........1951mW
14-Pin SO (derate 8.3mW/°C above +70°C) ...............667mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Package power dissipation should also be observed.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VDD
Inferred from PSRR test
2.7
5.5
V
Input Offset Voltage
VOS
0.85
±6mV
Input Bias Current
IB
VCM = VSS to VDD
50
pA
Input Offset Current
IOS
VCM = VSS to VDD
50
pA
Input Resistance
RIN
1000
M
Ω
Common-Mode Input Voltage
Range
VCM
Inferred from CMRR test
VSS
VDD
V
Common-Mode Rejection Ratio
CMRR
VSS < VCM < VDD
52
70
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 5.5V
73
85
dB
Shutdown Output Impedance
ROUT
VSHDN = 0V (Note 3)
10
Ω
Output Voltage in Shutdown
VOUT(SHDN) VSHDN = 0V, RL = 200
Ω (Note 3)
68
120
mV
RL = 100k
Ω
100
RL = 2k
Ω
85
98
Large-Signal Voltage Gain
AVOL
VSS + 0.20V < VOUT
< VDD - 0.20V
RL = 200
Ω
74
80
dB
VDD - VOH
400
500
RL = 32
Ω
VOL - VSS
360
500
VDD - VOH
80
120
RL = 200
Ω
VOL - VSS
70
120
VDD - VOH
814
Output Voltage Swing
VOUT
RL = 2k
Ω
VOL - VSS
714
mV
VDD = 2.7V, VIN = ±100mV
70
Output Source/Sink Current
IOUT
VDD = 5V, VIN = ±100mV
200
mA
VDD - VOH
128
200
IL = 10mA
VDD = 2.7V
VOL - VSS
112
175
VDD - VOH
240
320
Output Voltage
IL = 30mA
VDD = 5V
VOL - VSS
224
300
mV
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V, VSS = 0V, VCM = VDD/2, VOUT = (VDD/2), RL = ∞ connected to (VDD/2), VSHDN = VDD, TA = +25°C, unless otherwise
noted.) (Note 2)
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX4232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4232 MAXIM-MAX4232 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4232 MAXIM-MAX4232 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4232 MAXIM-MAX4232 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4232AKA+T MAXIM-MAX4232AKA+T Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
More results

Similar Description - MAX4232

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
MAX4232AKA MAXIM-MAX4232AKA Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230_12 Datasheet
911Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 15; 3/12
MAX4230_1110 MAXIM-MAX4230_1110 Datasheet
895Kb / 28P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 14; 10/11
MAX4232AUA-T MAXIM-MAX4232AUA-T Datasheet
1Mb / 28P
   High Output-Drive, 10MHz, 10V/mus, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 16; 6/12
MAX4230 MAXIM-MAX4230 Datasheet
529Kb / 18P
   High-Output-Drive, 10MHz, 10V/Us, Rail-to-Rail I/O Op Amps with Shutdown in SC70
19-2164; Rev 4; 5/04
MAX4230 MAXIM-MAX4230_09 Datasheet
902Kb / 27P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 11; 9/09
MAX4230 MAXIM-MAX4230_V01 Datasheet
1Mb / 15P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown in SC70
2021
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com