Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX630 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX630
Description  CMOS Micropower Step-Up Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX630 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX630 Datasheet HTML 1Page - Maxim Integrated Products MAX630 Datasheet HTML 2Page - Maxim Integrated Products MAX630 Datasheet HTML 3Page - Maxim Integrated Products MAX630 Datasheet HTML 4Page - Maxim Integrated Products MAX630 Datasheet HTML 5Page - Maxim Integrated Products MAX630 Datasheet HTML 6Page - Maxim Integrated Products MAX630 Datasheet HTML 7Page - Maxim Integrated Products MAX630 Datasheet HTML 8Page - Maxim Integrated Products MAX630 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Battery Detector
The low-battery detector compares the voltage on LBR
with the internal 1.31V reference. The output, LBD, is an
open-drain N-channel MOSFET. In addition to detecting
and warning of a low battery voltage, the comparator
can also perform other voltage-monitoring operations
such as power-failure detection.
Another use of the low-battery detector is to lower the
oscillator frequency when the input voltage goes below
a specified level. Lowering the oscillator frequency
increases the available output power, compensating for
the decrease in available power caused by reduced
input voltage (see Figure 5).
Logic-Level Shutdown Input
The shutdown mode is entered whenever IC (pin 6) is
driven below 0.2V or left floating. When shut down, the
MAX630’s analog circuitry, oscillator, LX, and LBD out-
puts are turned off. The device’s quiescent current dur-
ing shutdown is typically 10nA (1µA max).
Bootstrapped Operation
In most circuits, the preferred source of +VS voltage for
the MAX630 and MAX4193 is the boosted output volt-
age. This is often referred to as a “bootstrapped” oper-
ation since the circuit figuratively “lifts” itself up.
The on-resistance of the N-channel LX output decreas-
es with an increase in +VS; however, the device operat-
ing current goes up with +VS (see the Typical
Operating Characteristics, IS vs. +VS graph). In circuits
with very low output current and input voltages greater
than 3V, it may be more efficient to connect +VS direct-
ly to the input voltage rather than bootstrap.
CMOS Micropower Step-Up
Switching Regulator
_______________________________________________________________________________________
5
COMP 2
+5V INPUT
R3
169k
Ω
R4
100k
Ω
L1
470
LOW BATTERY INPUT
1.31V
OSC
RON
≅ 3Ω
40kHz
COMP 1
1.31V
BANDGAP
REFERENCE
AND
BIAS GENERATOR
1 LBR
2CX
3LX
4 GND
D1
1N4148
+VS 5
IC 6
VFB 7
LBD 8
LOW-BATTERY OUTPUT
(LOW IF INPUT < 3V)
CC
R1
499k
Ω
R2
47.5k
Ω
SHUTDOWN
OPERATE
+15V OUTPUT
20mA
C1
470
μF
25V
MAX630
COMP 2
Figure 1. +5V to +15V Converter and Block Diagram


Similar Part No. - MAX630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CPA MAXIM-MAX6301CPA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6301CPA MAXIM-MAX6301CPA Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6301CSA MAXIM-MAX6301CSA Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
More results

Similar Description - MAX630

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
logo
Sharp Corporation
PQ6CU12X2APQ SHARP-PQ6CU12X2APQ Datasheet
134Kb / 4P
   CMOS Step-up Chopper Regulator
PQ6CU11X1APQ SHARP-PQ6CU11X1APQ Datasheet
136Kb / 4P
   CMOS Step-up Chopper Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com