Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4081 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4081
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4081 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4081 Datasheet HTML 7Page - Maxim Integrated Products MAX4081 Datasheet HTML 8Page - Maxim Integrated Products MAX4081 Datasheet HTML 9Page - Maxim Integrated Products MAX4081 Datasheet HTML 10Page - Maxim Integrated Products MAX4081 Datasheet HTML 11Page - Maxim Integrated Products MAX4081 Datasheet HTML 12Page - Maxim Integrated Products MAX4081 Datasheet HTML 13Page - Maxim Integrated Products MAX4081 Datasheet HTML 14Page - Maxim Integrated Products MAX4081 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
______________________________________________________________________________________
11
Table 1. Typical Component Values
FULL-SCALE LOAD
CURRENT, ILOAD (A)
CURRENT-SENSE
RESISTOR (m
Ω)
GAIN
(V/V)
FULL-SCALE
VSENSE
(mV)
MAX4081 FULL-SCALE
OUTPUT VOLTAGE
(VOUT - VREF, V)
0.500
1000
5
±500
±2.5
0.125
1000
20
±125
±2.5
0.050
1000
60
±50
±3.0
5.000
100
5
±500
±2.5
1.250
100
20
±125
±2.5
0.500
100
60
±50
±3.0
50.000
10
5
±500
±2.5
12.500
10
20
±125
±2.5
5.000
10
60
±50
±3.0
FULL-SCALE LOAD
CURRENT, ILOAD (A)
CURRENT-SENSE
RESISTOR (m
Ω)
GAIN
(V/V)
FULL-SCALE
VSENSE
(mV)
MAX4080 FULL-SCALE
OUTPUT VOLTAGE (V)
1.000
1000
5
1000
5.0
0.250
1000
20
250
5.0
0.100
1000
60
100
6.0
10.000
100
5
1000
5.0
2.500
100
20
250
5.0
1.000
100
60
100
6.0
50.000
10
5
500
2.5
25.000
10
20
250
5.0
10.000
10
60
100
6.0
External References (MAX4081)
For the bidirectional MAX4081, the VOUT reference level
is controlled by REF1A and REF1B. VREF is defined as
the average voltage of VREF1A and VREF1B. Connect
REF1A and REF1B to a low-noise, regulated voltage
source to set the output reference level. In this mode,
VOUT equals VREF1A when VSENSE equals zero (see
Figure 4).
Alternatively, connect REF1B to ground, and REF1A to a
low-noise, regulated voltage source. In this case, the out-
put reference level (VREF) is equal to VREF1A divided by
two. VOUT equals VREF1A/2 when VSENSE equals zero.
In either mode, the output swings above the reference
voltage for positive current-sensing (VRS+ > VRS-). The
output swings below the reference voltage for negative
current-sensing (VRS+ < VRS-).
Applications Information
Recommended Component Values
Ideally, the maximum load current develops the full-
scale sense voltage across the current-sense resistor.
Choose the gain needed to yield the maximum output
voltage required for the application:
VOUT = VSENSE AV
where VSENSE is the full-scale sense voltage, 1000mV
for gain of 5V/V, 250mV for gain of 20V/V, 100mV for
gain of 60V/V, and AV is the gain of the device.
In applications monitoring a high current, ensure that
RSENSE is able to dissipate its own I2R loss. If the resis-
tor’s power dissipation is exceeded, its value may drift
or it may fail altogether.
The MAX4080/MAX4081 sense a wide variety of cur-
rents with different sense-resistor values. Table 1 lists
common resistor values for typical operation.


Similar Part No. - MAX4081

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4081 MAXIM-MAX4081 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4081 MAXIM-MAX4081 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4081FASA MAXIM-MAX4081FASA Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4081FASA++ MAXIM-MAX4081FASA+ Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4081FAUA MAXIM-MAX4081FAUA Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
More results

Similar Description - MAX4081

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com