Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3785UWL+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3785UWL+
Description  6.25Gbps, 1.8V PC Board Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3785UWL+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3785UWL+ Datasheet HTML 1Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 2Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 3Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 4Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 5Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 6Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 7Page - Maxim Integrated Products MAX3785UWL+ Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6.25Gbps, 1.8V PC Board Equalizer
________________________________________________________________
Maxim Integrated Products
1
19-2630; Rev 4; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX3785 6.25Gbps equalizer operates from a sin-
gle 1.8V supply and compensates for transmission-
medium losses encountered with FR-4 transmission
lines. Optimized for low-voltage, high-density, DC-cou-
pled interconnections between the line card and switch
card, the MAX3785 enables a system upgrade path
while maintaining a legacy rate of 2.5Gbps to
3.125Gbps. Roughly the size of two 0603 passive com-
ponents, the MAX3785 easily provides placement and
routing flexibility.
The MAX3785 is composed of an equalizer, limiting
amplifier, and output driver. For data rates of 3.2Gbps
and lower, the MAX3785 equalizes signals for spans up
to 40in of FR-4 board material. For data rates up to
6.25Gbps, the MAX3785 compensates for 30in of FR-4
board material. The MAX3785 is coding independent,
functioning equally well for 8b/10b or scrambled signals.
The MAX3785 features DC-coupled current-mode logic
(CML) data inputs and outputs. It is packaged in a tiny
1.5mm
× 1.5mm chip-scale package (USCP™) and a
6-pin TDFN package.
Applications
HSBI for
≤ 6.4Gbps
Double IEEE 802.3ae XAUI
Double STM-16/OC-48
Features
♦ Single 1.8V Supply
♦ Very Low Power, 60mW
♦ Spans 30in with FR-4 at 6.25Gbps
♦ Operates from 1.0Gbps to 6.4Gbps
♦ Coding Independent, 8b/10b or Scrambled
♦ DC-Coupled CML Inputs and Outputs
♦ Small 1.5mm × 1.5mm Footprint
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX3785UBL
0°C to +85°C
6 UCSP (3
3)
MAX3785UWL+
0°C to +85°C
6 WLP
MAX3785UTT
0°C to +85°C
6 TDFN-EP*
MAX3785UTT+
0°C to +85°C
6 TDFN-EP*
MAX3785ITT
-20°C to +85°C
6 TDFN-EP*
MAX3785ITT+
-20°C to +85°C
6 TDFN-EP*
LINE CARD
MAC
Rx
Rx
Tx
Tx
SWITCH CARD
MAX3785
OUT
IN
1.8V
MAX3785
IN
OUT
SWITCH
ASIC WITH
SERDES
Rx
Tx
1.8V
BACKPLANE
6.25Gbps
VCC
VCC
30in (0.75m)
Typical Application Circuit
UCSP is a trademark of Maxim Integrated Products, Inc.
+
Denotes a lead-free/RoHS-compliant package.
*
EP = Exposed pad.
A1
A2
A3
C1
C2
C3
IN-
GND
OUT-
IN+
VCC
OUT+
MAX3785UBL
MAX3785UTT
Δ
3 x 3 UCSP
TDFN
TOP VIEW (BUMPS ON BOTTOM OF DIE)
GND
OUT+
OUT-
1
6
IN+
5VCC
IN-
2
34
Pin Configurations


Similar Part No. - MAX3785UWL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3785UBL MAXIM-MAX3785UBL Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
MAX3785UTT MAXIM-MAX3785UTT Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
MAX3785UTT MAXIM-MAX3785UTT Datasheet
206Kb / 8P
   Fully Assembled and Tested
Rev 0 ; 10/03
MAX3785UTTEVKIT MAXIM-MAX3785UTTEVKIT Datasheet
206Kb / 8P
   Fully Assembled and Tested
Rev 0 ; 10/03
More results

Similar Description - MAX3785UWL+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3785 MAXIM-MAX3785 Datasheet
461Kb / 10P
   6.25Gbps, 1.8V PC Board Equalizer
19-2630; Rev 1; 8/03
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4211EA TI1-TLK4211EA Datasheet
1Mb / 17P
[Old version datasheet]   4.25 Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA Datasheet
905Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E_10 Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK1101E TI-TLK1101E Datasheet
1Mb / 28P
[Old version datasheet]   11.3-Gbps Cable and PC Board Equalizer
TLK6201EA TI-TLK6201EA_10 Datasheet
867Kb / 19P
[Old version datasheet]   6.25-Gbps Cable and PC Board Equalizer
logo
ON Semiconductor
NB7VQ1006M ONSEMI-NB7VQ1006M_16 Datasheet
1Mb / 11P
   1.8V/2.5V 10Gbps Equalizer Receiver
August, 2016 ??Rev. 3
logo
Texas Instruments
SN75LVCP600 TI1-SN75LVCP600 Datasheet
1Mb / 24P
[Old version datasheet]   6.0 Gbps SATA PC Board and Cable Equalizer
TLK1102E TI-TLK1102E Datasheet
1Mb / 31P
[Old version datasheet]   11.3-Gbps Dual-Channel Cable and PC Board Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com