Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3007EBP-T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3007EBP-T
Description  1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA,35Mbps, 8-Channel Level Translators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3007EBP-T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3007EBP-T Datasheet HTML 1Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 2Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 3Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 4Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 5Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 6Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 7Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 8Page - Maxim Integrated Products MAX3007EBP-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
VCC ...........................................................................-0.3V to +6V
VL...........................................................................................-0.3V to +6V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_ ...........................................................-0.3V to (VL + 0.3V)
EN, EN A/B ...............................................................-0.3V to +6V
Short-Circuit Duration I/O VL_, I/O VCC_ to GND .......Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin TSSOP (derate 7.0mW/°C above +70°C) .........559mW
20-Bump UCSP (derate 10mW/°C above +70°C) .......800mW
20-Pin 5mm x 5mm TQFN
(derate 20.0mW/°C above +70°C) .....................................1667mW
Operating Temperature Ranges
MAX3001EAUP ..............................................-40°C to +125°C
MAX300_EE_P .................................................-40°C to +85°C
MAX30_ _E_P ..................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012), EN A/B = VL or 0
(MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
VCC
V
VCC Supply Range
VCC
1.65
5.50
V
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3000E/MAX3002–MAX3012
0.1
10
Supply Current from VCC
IQVCC
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3001E
0.1
50
µA
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3000E/MAX3002–MAX3012
0.1
10
Supply Current from VL
IQVL
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3001E
0.1
50
µA
TA = +25
°C, EN = 0,
MAX3000E/MAX3001E/MAX3002/
MAX3004–MAX3012
0.1
2
VCC Shutdown Supply Current
ISHDN-VCC
TA = +25
°C, EN A/B = 0,
MAX3003
0.1
2
µA
TA = +25
°C, EN = 0,
MAX3000E/MAX3001E/MAX3002/
MAX3004–MAX3012
0.1
2
VL Shutdown Supply Current
ISHDN-VL
TA = +25
°C, EN A/B = 0,
MAX3003
0.1
2
µA


Similar Part No. - MAX3007EBP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3007EBP-T MAXIM-MAX3007EBP-T Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
More results

Similar Description - MAX3007EBP-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3000E MAXIM-MAX3000E Datasheet
422Kb / 24P
   1.2V to 5.5V, ±15kV ESD-Protected, 0.1uA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX3005 MAXIM-MAX3005 Datasheet
430Kb / 24P
   1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
Rev 1; 10/03
MAX13013_0412 MAXIM-MAX13013_0412 Datasheet
472Kb / 18P
   1.2V to 3.6V, 0.1μA, 100Mbps, Single-/Dual-/Quad-Level Translators
Rev 2; 12/04
logo
STMicroelectronics
MAX3013 STMICROELECTRONICS-MAX3013 Datasheet
438Kb / 17P
   1.2V to 3.6V, 0.1uA, 100Mbps, 8-Channel Level Translators
logo
Maxim Integrated Produc...
MAX3013 MAXIM-MAX3013 Datasheet
443Kb / 17P
   1.2V to 3.6V, 0.1關A, 100Mbps, 8-Channel Level Translators
19-3156; Rev 2; 12/04
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E_09 Datasheet
207Kb / 2P
   Best-in-Class ESD Protected Level Translators
logo
Maxim Integrated Produc...
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com