Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX414ESD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX414ESD
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX414ESD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX414ESD Datasheet HTML 4Page - Maxim Integrated Products MAX414ESD Datasheet HTML 5Page - Maxim Integrated Products MAX414ESD Datasheet HTML 6Page - Maxim Integrated Products MAX414ESD Datasheet HTML 7Page - Maxim Integrated Products MAX414ESD Datasheet HTML 8Page - Maxim Integrated Products MAX414ESD Datasheet HTML 9Page - Maxim Integrated Products MAX414ESD Datasheet HTML 10Page - Maxim Integrated Products MAX414ESD Datasheet HTML 11Page - Maxim Integrated Products MAX414ESD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
circuit shown in Figure 3. Figure 4 shows the frequency
response of the circuit. The test time for the 0.1Hz to
10Hz noise measurement should be limited to 10 sec-
onds, which has the effect of adding a second zero to
the test circuit, providing increased attenuation for fre-
quencies below 0.1Hz.
Current Noise Testing
The current-noise density can be calculated, once the
value of the input-referred noise is determined, by
using the standard expression given below:
where:
Rn = Inverting input effective series resistance
Rp= Noninverting input effective series resistance
eno = Output voltage-noise density at the frequency of
interest (V/
√Hz)
in = Input current-noise density at the frequency of
interest (A/
√Hz)
AVCL = Closed-loop gain
T = Ambient temperature in Kelvin (K)
k = 1.38 x 10-23 J/K (Boltzman’s constant)
Rp and Rn include the resistances of the input driving
source(s), if any.
If the Quan Tech model 5173 is used, then the AVCL
terms in the numerator and denominator of the equation
given above should be eliminated because the Quan
i
e
AHz
n
no
VCL
n
p
n
p
VCL
2
2
- (A
) (4kT)(R +R )
(R +R )(A
)
=
[]
/
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
8
_______________________________________________________________________________________
Figure 3. 0.1Hz to 10Hz Voltage Noise Test Circuit
10
Ω
D.U.T
MAX410
0.1
μF
100k
Ω
+VS
-VS
2k
Ω
4.7
μF
+VS
-VS
100k
Ω
0.1
μF
24.9k
Ω
2k
Ω
4.7
μF
22
μF
TO SCOPE x1
RIN = 1M
Ω
110k
Ω
MAX410
MAX412
MAX414
Figure 4. 0.1Hz to 10Hz Voltage Noise Test Circuit, Frequency
Response
FREQUENCY (Hz)
10
1
0.1
20
40
60
80
100
0
0.01
100


Similar Part No. - MAX414ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX414ESD MAXIM-MAX414ESD Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
More results

Similar Description - MAX414ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
   28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com