Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78233DDCT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78233DDCT
Description  150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78233DDCT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS78233DDCT Datasheet HTML 7Page - Texas Instruments TPS78233DDCT Datasheet HTML 8Page - Texas Instruments TPS78233DDCT Datasheet HTML 9Page - Texas Instruments TPS78233DDCT Datasheet HTML 10Page - Texas Instruments TPS78233DDCT Datasheet HTML 11Page - Texas Instruments TPS78233DDCT Datasheet HTML 12Page - Texas Instruments TPS78233DDCT Datasheet HTML 13Page - Texas Instruments TPS78233DDCT Datasheet HTML 14Page - Texas Instruments TPS78233DDCT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
THERMAL INFORMATION
THERMAL PROTECTION
POWER DISSIPATION
P =(V
V
)
I
-
´
D
IN
OUT
OUT
(2)
PACKAGE MOUNTING
TPS782xx
www.ti.com ........................................................................................................................................... SBVS115A – AUGUST 2008 – REVISED SEPTEMBER 2008
Thermal protection disables the device output when
The ability to remove heat from the die is different for
the junction temperature rises to approximately
each
package
type,
presenting
different
+160°C, allowing the device to cool. Once the
considerations in the PCB layout. The PCB area
junction temperature cools to approximately +140°C,
around the device that is free of other components
the output circuitry is enabled. Depending on power
moves the heat from the device to the ambient air.
dissipation,
thermal
resistance,
and
ambient
Performance data for JEDEC low- and high-K boards
temperature, the thermal protection circuit may cycle
are given in the Dissipation Ratings table. Using
on and off again. This cycling limits the dissipation of
heavier
copper
increases
the
effectiveness
in
the regulator, protecting it from damage as a result of
removing heat from the device. The addition of plated
overheating.
through-holes
to
heat-dissipating
layers
also
improves
the
heatsink
effectiveness.
Power
Any tendency to activate the thermal protection circuit
dissipation depends on input voltage and load
indicates
excessive
power
dissipation
or
an
conditions. Power dissipation (PD) is equal to the
inadequate heatsink. For reliable operation, junction
product of the output current times the voltage drop
temperature should be limited to +125°C maximum.
across the output pass element (VIN to VOUT), as
To estimate the margin of safety in a complete design
shown in Equation 2:
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
+35°C
above
the
maximum
expected
ambient
Solder
pad
footprint
recommendations
for
the
condition
of
your
particular
application.
This
TPS782
series
are
available
from
the
Texas
configuration
produces
a
worst-case
junction
Instruments web site at www.ti.com through the
temperature of +125°C at the highest expected
TPS782 series product folders.
ambient temperature and worst-case load.
The internal protection circuitry of the TPS782 series
has been designed to protect against overload
conditions. However, it is not intended to replace
proper heatsinking. Continuously running the TPS782
series
into
thermal
shutdown
degrades
device
reliability.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS78233DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78233DDCT TI1-TPS78233DDCT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78233DDCT TI1-TPS78233DDCT Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78233DDCT TI1-TPS78233DDCT Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78233DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com