Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX414BCPD Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX414BCPD
Description  Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX414BCPD Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX414BCPD Datasheet HTML 1Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 2Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 3Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 4Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 5Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 6Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 7Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 8Page - Maxim Integrated Products MAX414BCPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Single/Dual/Quad, 28MHz, Low-Noise,
Low-Voltage, Precision Op Amps
_______________________________________________________________________________________
5
0
5
4
3
2
1
-60
20
-20
60
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
EACH AMPLIFIER
VS =
±5V
0
10
9
8
7
6
5
4
3
2
1
-60
20
-20
60
100
140
SLEW RATE
vs. TEMPERATURE
TEMPERATURE (°C)
VS =
±5V
RL = 10k
ΩII 20pF
0
10
20
40
30
50
-60
20
-20
60
100
140
UNITY-GAIN BANDWIDTH
vs. TEMPERATURE
TEMPERATURE (°C)
VS =
±5V
RL = 10k
ΩII 20pF
LARGE-SIGNAL TRANSIENT RESPONSE
MAX410-14 toc12
1
μs/div
AV = +1, RF = 499
Ω, RL = 2kΩ II 20pF, VS = ±5V, TA = +25°C
INPUT
3V/div
OUTPUT
3V/div
GND
GND
SMALL-SIGNAL TRANSIENT RESPONSE
MAX410-14 toc13
200ns/div
INPUT
50mV/div
OUTPUT
50mV/div
AV = +1, RF = 499
Ω, RL = 2kΩ II 20pF, VS = ±5V, TA = +25°C
GND
GND
10
0.01
100
1k
10k
100k
1M
10M
WIDEBAND VOLTAGE NOISE
(0.1Hz TO FREQUENCY INDICATED)
0.1
BANDWIDTH (Hz)
1
VS =
±5V
TA = +25
°C
0.1
1
100
10
1k
10k
1
100
10
1k
10k
100k
1M
TOTAL NOISE DENSITY
vs. MATCHED SOURCE RESISTANCE
MATCHED SOURCE RESISTANCE (
Ω)
VS =
±5V
TA = +25
°C
@10Hz
@1kHz
RS NOISE
ONLY
RS
RS
0.1
1
100
10
1k
10k
1
100
10
1k
10k
100k
1M
TOTAL NOISE DENSITY
vs. UNMATCHED SOURCE RESISTANCE
UNMATCHED SOURCE RESISTANCE (
Ω)
VS =
±5V
TA = +25
°C
@10Hz
@1kHz
RS NOISE
ONLY
RS
Typical Operating Characteristics (continued)
(V+ = 5V, V- = -5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX414BCPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX414BCPD MAXIM-MAX414BCPD Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
More results

Similar Description - MAX414BCPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
   36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
logo
Linear Technology
LT1722 LINER-LT1722_15 Datasheet
304Kb / 18P
   Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1213 LINER-LT1213_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
logo
Linear Integrated Syste...
LT1213 LINEAR-LT1213_1 Datasheet
391Kb / 20P
   28MHz, 12V/ms, Single Supply Dual and Quad Precision Op Amps
logo
Linear Technology
LT1214 LINER-LT1214_15 Datasheet
397Kb / 20P
   28MHz, 12V/s, Single Supply Dual and Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com