Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1322 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1322
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1322 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1322 Datasheet HTML 2Page - Maxim Integrated Products MAX1322 Datasheet HTML 3Page - Maxim Integrated Products MAX1322 Datasheet HTML 4Page - Maxim Integrated Products MAX1322 Datasheet HTML 5Page - Maxim Integrated Products MAX1322 Datasheet HTML 6Page - Maxim Integrated Products MAX1322 Datasheet HTML 7Page - Maxim Integrated Products MAX1322 Datasheet HTML 8Page - Maxim Integrated Products MAX1322 Datasheet HTML 9Page - Maxim Integrated Products MAX1322 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
12288
8192
4096
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
16384
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
12288
8192
4096
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
-1.00
0
16384
ANALOG SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.12
5.00
4.87
35
40
45
50
30
4.75
5.25
fSAMPLE = 250ksps
ALL 8 CHANNELS
DRIVEN WITH FULL-
SCALE SINE WAVES
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
35
40
45
50
30
-40
85
fSAMPLE = 250ksps
ALL 8 CHANNELS
DRIVEN WITH FULL-
SCALE SINE WAVES
SHUTDOWN CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
3.5
0.2
0.4
0.6
0.8
0
2.5
5.5
ANALOG
SHUTDOWN
CURRENT
DIGITAL
SHUTDOWN
CURRENT
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.2
0.4
0.6
0.8
0
-40
85
ANALOG
SHUTDOWN
CURRENT
DIGITAL
SHUTDOWN
CURRENT
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS (Figures 3, 4, 5, 6 and 7) (Tables 1, 3) (continued)
Note 7:
Shutdown current is measured with analog input floating. The large amplitude of the maximum shutdown current specifi-
cation is due to automatic test equipment limitations.
Note 8:
Defined as the change in positive full scale caused by ±5% variation in the nominal supply voltage.
Note 9:
CONVST must remain low for at least the acquisition period. The maximum acquisition time is limited by internal capacitor
droop.
Note 10: CS-to-WR and CS-to-RD pins are internally AND together. Setup and hold times do not apply.
Note 11: Minimum clock frequency is limited only by the internal T/H droop rate. Limit the time between the falling edge of CONVST
to the falling edge of EOLC to a maximum of 0.25ms.
Note 12: To avoid T/H droop degrading the sampled analog input signals, the first clock pulse should occur within 10µs of the ris-
ing edge of CONVST, and have a minimum clock frequency of 100kHz.
Typical Operating Characteristics
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0V, VREF = VREFMS = +2.5V (external reference), see the Typical Operating Circuits sec-
tion, fCLK = 10MHz, 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1322 MAXIM-MAX1322 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX13223E MAXIM-MAX13223E Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223E MAXIM-MAX13223E Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
MAX13223EEUP++ MAXIM-MAX13223EEUP+ Datasheet
187Kb / 11P
   ±70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
Rev 0; 4/09
MAX13223EEUP++ MAXIM-MAX13223EEUP+ Datasheet
1Mb / 12P
   짹70V Fault-Protected, 3.0V to 5.5V, 2Tx/2Rx RS-232 Transceiver
19-4585; Rev 3; 2/15
More results

Similar Description - MAX1322

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com