Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HPA14
Description  14 pin Dual-in-Line
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HPA14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HPA14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
DESCRIPTION
HPA14 series LVPECL output oscillators cover the frequency range
60MHz to 320MHz. The part utilizes a crystal operating in third
overtone mode (Non-PLL)
Frequency Range:
60.0MHz to 320.0MHz
Output Logic
LVPECL
Phase Noise:
See table
Frequency Stability:
See table
Operating Temp Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Input Voltage:
+2.5VDC or +3.3VDC ±5%
Output Voltage
High '1':
Vdd -1.025V min.
Low '0':
Vdd -1.620V max.
(RL = 50W to Vdd -2.0V)
Rise/Fall Times:
0.25ns typical
(20% Vdd to 80% Vdd)
Current Consumption:
75mA max. at 212.50MHz
Load:
50W into Vdd-2.0V
Start-up Time:
5ms typ., 10ms max.
Duty Cycle:
50%±5% (at Vdd -1.3V)
Input Static Discharge Prot:
2kV min.
Storage Temperature Range:
-55°C to +150°C
Ageing:
±3ppm per year max., ±2ppm
thereafter. At T amb +25°C
Enable/Disable
No connection:
Both outputs enabled
Disable:
Both outputs are disabled when
control pad is taken below 0.3V
referenced to ground. Oscillator is
always 'on'. (Special request -
oscillator is off when disabled.)
Enable:
Both Outputs are enabled when
control pad is taken above 0.7 Vcc
referenced to ground.
ABSOLUTE MAXIMUM RATINGS
(Permanent damage may be caused if operated beyond these limits.)
Supply Voltage Vdd:
+4.6V max.
Input Voltage Vi:
Vss -0.5 min., VDD +0.5V max.
Input Voltage Vo:
Vss -0.5 min., Vdd +0.5V max.
SPECIFICATION
PART NUMBERS
HPA14 oscillator part numbers are derived as follows:
Example:
3HPA14-A-250.000
HPA14 LVPECL OSCILLATORS
Supply Voltage
3 = 3.3VDC
25 = 2.5VDC
Series Designation
Package Style
Stability Code
(See table)
Frequency
STABILITY OVER TEMPERATURE RANGE
Stability
Temperature Range Order Code
±ppm
°C
25
-10 to +70
A
50
-10 to +70
B
100
-10 to +70
C
25
-40 to +85
D
50
-40 to +85
E
100
-40 to +85
F
Offset
10Hz
-65
100Hz
-95
1kHz
-120
10kHz
-128
100kHz
-122
1MHz
-120
10MHz
-140
dBc/Hz
PHASE NOISE (155.250MHz)
JITTER
Integrated Phase Jitter:
0.25ps typical at 155.520MHz
(12kHz to 20MHz)
Period Jitter (RMS):
3.0ps typical at 155.520MHz
Period Jitter (peak to peak): 21ps typical at 155.520MHz
OUTLINE & DIMENSIONS
14 pin Dual-in-Line


Similar Part No. - HPA14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA148 TI1-HPA148 Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
logo
JL World Company Limite...
HPA14A JLWORLD-HPA14A Datasheet
49Kb / 1P
   PIEZO SOUND GENERATORS
More results

Similar Description - HPA14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
   14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
   14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
   14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
   14 pin Dual-in Line
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
   14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
   14 pin Dual-in-Line
GF14 EUROQUARTZ-GF14 Datasheet
222Kb / 1P
   14 pin Dual-in-Line
GPW14 EUROQUARTZ-GPW14 Datasheet
90Kb / 1P
   14 pin Dual-in-Line VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com