Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1318 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1318
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1318 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1318 Datasheet HTML 7Page - Maxim Integrated Products MAX1318 Datasheet HTML 8Page - Maxim Integrated Products MAX1318 Datasheet HTML 9Page - Maxim Integrated Products MAX1318 Datasheet HTML 10Page - Maxim Integrated Products MAX1318 Datasheet HTML 11Page - Maxim Integrated Products MAX1318 Datasheet HTML 12Page - Maxim Integrated Products MAX1318 Datasheet HTML 13Page - Maxim Integrated Products MAX1318 Datasheet HTML 14Page - Maxim Integrated Products MAX1318 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
______________________________________________________________________________________
11
Pin Description (continued)
PIN
MAX1316
MAX1320
MAX1324
MAX1317
MAX1321
MAX1325
MAX1318
MAX1322
MAX1326
NAME
FUNCTION
27
27
27
D3
Digital I/O Bit 3 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
28
28
28
D4
Digital I/O Bit 4 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
29
29
29
D5
Digital I/O Bit 5 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
30
30
30
D6
Digital I/O Bit 6 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
31
31
31
D7
Digital I/O Bit 7 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
32
32
32
D8
Digital Out Bit 8 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
33
33
33
D9
Digital Out Bit 9 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
34
34
34
D10
Digital Out Bit 10 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
35
35
35
D11
Digital Out Bit 11 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
36
36
36
D12
Digital Out Bit 12 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
37
37
37
D13
Digital Out Bit 13 of 14-Bit Parallel Data Bus. High impedance when
RD = 1 or CS = 1.
38
38
38
DVDD
Digital-Supply Input. Apply +2.7V to +5.25V to DVDD. Bypass DVDD
to DGND with a 0.1µF capacitor.
39
39
39
DGND
Digital-Supply GND. DGND is the power return for DVDD. Connect
DGND to AGND at only one point (see the Layout, Grounding, and
Bypassing section).
40
40
40
EOC
End-of-Conversion Output. EOC goes low to indicate the end of a
conversion. EOC returns high after one clock period.


Similar Part No. - MAX1318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1318 MAXIM-MAX1318 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13181EELB++ MAXIM-MAX13181EELB+ Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13182E MAXIM-MAX13182E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13182EELB++ MAXIM-MAX13182EELB+ Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
More results

Similar Description - MAX1318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com