Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1318 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1318
Description  8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1318 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1318 Datasheet HTML 4Page - Maxim Integrated Products MAX1318 Datasheet HTML 5Page - Maxim Integrated Products MAX1318 Datasheet HTML 6Page - Maxim Integrated Products MAX1318 Datasheet HTML 7Page - Maxim Integrated Products MAX1318 Datasheet HTML 8Page - Maxim Integrated Products MAX1318 Datasheet HTML 9Page - Maxim Integrated Products MAX1318 Datasheet HTML 10Page - Maxim Integrated Products MAX1318 Datasheet HTML 11Page - Maxim Integrated Products MAX1318 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Typical Operating Characteristics (continued)
(AVDD = +5V, DVDD = +3V, AGND = DGND = 0V, VREF = VREFMS = +2.5V (external reference), see the Typical Operating Circuits sec-
tion, fCLK = 10MHz, 50% duty cycle, INTCLK/EXTCLK = AGND (external clock), SHDN = DGND, TA = +25°C, unless otherwise noted.)
FFT
FREQUENCY (MHz)
0.20
0.15
0.10
0.05
-120
-100
-80
-60
-40
-20
0
-140
0
0.25
fANALOG_IN = 103kHz
fSAMPLE = 490kHz
fCLK = 10MHz
SINAD = 76.7dB
SNR = 77.0dB
THD = -88.3dB
SFDR = 91.0dB
SIGNAL-TO-NOISE RATIO
vs. CLOCK FREQUENCY
fCLK (MHz)
18
16
14
12
10
71
72
73
74
75
76
77
78
79
80
70
820
fIN = 100kHz
SIGNAL-TO-NOISE PLUS DISTORTION
vs. CLOCK FREQUENCY
fCLK (MHz)
18
16
14
12
10
71
72
73
74
75
76
77
78
79
80
70
820
fIN = 100kHz
EFFECTIVE NUMBER OF BITS
vs. CLOCK FREQUENCY
fCLK (MHz)
18
16
14
12
10
820
11.0
11.5
12.0
12.5
13.0
13.5
10.5
fIN = 100kHz
TOTAL HARMONIC DISTORTION
vs. CLOCK FREQUENCY
fCLK (MHz)
18
16
14
12
10
820
-95
-90
-85
-80
-75
-70
-100
SPURIOUS-FREE DYNAMIC RANGE
vs. CLOCK FREQUENCY
fCLK (MHz)
18
16
14
12
10
820
65
70
75
80
85
90
95
100
60
8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs
with ±10V, ±5V, and 0 to +5V Analog Input Ranges
8
_______________________________________________________________________________________


Similar Part No. - MAX1318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1318 MAXIM-MAX1318 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13181EELB++ MAXIM-MAX13181EELB+ Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13182E MAXIM-MAX13182E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
MAX13182EELB++ MAXIM-MAX13182EELB+ Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
More results

Similar Description - MAX1318

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1316 MAXIM-MAX1316 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1304 MAXIM-MAX1304_11 Datasheet
368Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 5; 3/11
MAX1304 MAXIM-MAX1304_09 Datasheet
414Kb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 8/09
MAX1304 MAXIM-MAX1304 Datasheet
487Kb / 36P
   8-/4-/2-Channel, 12-Bit, Simultaneous-Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
Rev 3; 8/04
MAX1304 MAXIM-MAX1304_V01 Datasheet
2Mb / 37P
   8-/4-/2-Channel, 12-Bit, Simultaneous- Sampling ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
2015
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
   1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com