Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78227DDCTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS78227DDCTG4
Description  150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78227DDCTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS78227DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 11Page - Texas Instruments TPS78227DDCTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Time(1ms/div)
LoadCurrent
V
=5.50V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
OUT =10mF
V
IN
V
OUT
Enable
0V
Time(1ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
Enable
0V
TPS782xx
SBVS115A – AUGUST 2008 – REVISED SEPTEMBER 2008 ........................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
ENABLE PIN vs OUTPUT VOLTAGE RESPONSE
AND OUTPUT CURRENT
ENABLE PIN vs OUTPUT VOLTAGE DELAY
TPS78233
TPS78233
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TPS78227DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78227DDCTG4 TI1-TPS78227DDCTG4 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78227DDCTG4 TI1-TPS78227DDCTG4 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78227DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com