Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5GV64A-80T-155.25 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 5GV64A-80T-155.25
Description  11.4 x 9.6 x 4.7mm 6 pad SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

5GV64A-80T-155.25 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  5GV64A-80T-155.25 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
11.4 x 9.6 x 4.7mm 6 pad SMD
GV64 CMOS
OUTLINE & DIMENSIONS
PART NUMBER SCHEDULE
Example:
3GV64B-80N-155.25
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
Supply Voltage
3 = +3.3V
Series Designator
GV64
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz
Temp. Range
DESCRIPTION
Frequency range 50.01MHz to 200MHz
LVCMOS Output
Supply Voltage 3.3 VDC
High Q fundamental mode crystal
Low jitter multiplier circuit
Low unit cost
Frequency Range:
50.01MHz to 200.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVCMOS
Integrated Phase Jitter:
2.3ps typical, 4.0ps maximum
(for 155.250MHz)
Period Jitter RMS:
4.0ps typical (for 155.250MHz)
Period Jitter Peak to peak:
27.0ps typical (for 155.250MHz)
Phase Noise:
See table below
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
90% Vdd minimum
Output Voltage LOW (0):
10% Vdd maximum
Pulling Range:
From ±30ppm to ±150ppm
Temperature Stability:
See table
Output Load:
15pF
Start-up Time:
10ms maximum, 5ms typical
Duty Cycle:
50% ±5% measured at 50% Vdd
Rise/Fall Times:
1.2ns typical (15pF load)
Current Consumption:
25mA maximum (15pF load)
Linearity:
10% maximum, 6% typical
Modulation Bandwidth:
25kHz minimum
Input Impedance:
2 MW minimum
Slope Polarity:
Monotonic and Positive. (An
(Transfer function)
increase of control voltage
always increases output
frequency.)
Storage Temperature:
-50° to +100°C
Ageing:
±5ppm per year maximum
Enable/Disable (Tristate):
Pads 2 or 5, Enable high or 70%
Vdd min applied to Tri-state pad
to enable output.
30% Vdd max. to disable output
(high impedance)
RoHS Status:
Fully compliant
SPECIFICATION
GV64 VCXOs, are packaged in an industry-standard, 6 pad, 11.4mm
x 9.6mm x 4.7mm SMD package. The VCXO incorporates a high Q
fundamental mode crystal and a low jitter multiplier circuit.
10Hz
-65dBc/Hz
100Hz
-95dBc/Hz
1kHz
-120dBc/Hz
10kHz
-128dBc/Hz
100kHz
-122dBc/Hz
1MHz
-120dBc/Hz
10MHz
-140dBc/Hz
Offset
Frequency 155.25MHz
PHASE NOISE


Similar Part No. - 5GV64A-80T-155.25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
5GV62A-80M-155.25 EUROQUARTZ-5GV62A-80M-155.25 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
5GV62A-80N-155.25 EUROQUARTZ-5GV62A-80N-155.25 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
5GV62A-80T-155.25 EUROQUARTZ-5GV62A-80T-155.25 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
5GV62B-80M-155.25 EUROQUARTZ-5GV62B-80M-155.25 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
5GV62B-80N-155.25 EUROQUARTZ-5GV62B-80N-155.25 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
More results

Similar Description - 5GV64A-80T-155.25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GW64 EUROQUARTZ-GW64 Datasheet
224Kb / 1P
   11.4 x 9.6 x 4.7mm 6 pad SMD
GF64 EUROQUARTZ-GF64 Datasheet
350Kb / 1P
   11.4 x 9.6 x 4.7mm 6 pad SMD
GPW64 EUROQUARTZ-GPW64 Datasheet
103Kb / 1P
   11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GDW64 EUROQUARTZ-GDW64 Datasheet
102Kb / 1P
   11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
   11.4 x 9.6 x 4.7mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
   11.4 x 9.6 x 4.7mm SMD
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
   11.4 x 9.6 x 4.7mm SMD VCXO
GDF64 EUROQUARTZ-GDF64 Datasheet
102Kb / 1P
   11.4 x 9.6 x 4.7mm SMD VCXO
GW62 EUROQUARTZ-GW62 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
GF62 EUROQUARTZ-GF62 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com