Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS32508N Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS32508N
Description  6-/8-/12-Port DS3/E3/STS-1 LIU
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32508N Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS32508N Datasheet HTML 5Page - Maxim Integrated Products DS32508N Datasheet HTML 6Page - Maxim Integrated Products DS32508N Datasheet HTML 7Page - Maxim Integrated Products DS32508N Datasheet HTML 8Page - Maxim Integrated Products DS32508N Datasheet HTML 9Page - Maxim Integrated Products DS32508N Datasheet HTML 10Page - Maxim Integrated Products DS32508N Datasheet HTML 11Page - Maxim Integrated Products DS32508N Datasheet HTML 12Page - Maxim Integrated Products DS32508N Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 130 page
background image
DS32506/DS32508/DS32512
9 of 130
4. DETAILED DESCRIPTION
The DS32506 (6 port), DS32508 (8 port), and DS32512 (12 port) LIUs perform the functions necessary for
interfacing at the physical layer to DS3, E3, or STS-1 lines. Each LIU has independent receive and transmit paths
and a built-in jitter attenuator. The receiver performs clock and data recovery from a B3ZS- or HDB3-coded
alternate mark inversion (AMI) signal and monitors for loss of the incoming signal. The receiver optionally performs
B3ZS/HDB3 decoding and outputs the recovered data in either binary (NRZ) or digital bipolar format. The
transmitter accepts data in either binary (NRZ) or digital bipolar format, optionally performs B3ZS/HDB3 encoding,
and drives standard pulse-shape waveforms onto 75
Ω coaxial cable. Both transmitter and receiver are high-
impedance when VDD is out of spec to enable hot-swappable 1:1 and 1+1 board redundancy without relays. The
jitter attenuator can be mapped into the receiver data path, mapped into the transmitter data path, or disabled. An
on-chip clock adapter generates all line-rate clocks from a single input clock. Control interface options include 8- or
16-bit parallel, SPI, and hardware mode. The DS325xx LIUs conform to the telecommunications standards listed in
Table 1-1. The external components required for proper operation are shown in Figure 4-1 and Figure 4-2.
Figure 4-1. External Connections, Internal Termination Enabled
TXP
TXN
RXP
RXN
1.8V
POWER
PLANE
GROUND
PLANE
TVDD
RVDD
JVDD
TVSS
RVSS
JVSS
0.01μF
0.1μF
1μF
0.01μF
0.1μF
1μF
0.01μF
0.1μF
1μF
1:1
1:1
TXP
TXN


Similar Part No. - DS32508N

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS3251 DALLAS-DS3251 Datasheet
925Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
logo
Dallas Semiconductor
DS3251N DALLAS-DS3251N Datasheet
925Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3251N MAXIM-DS3251N Datasheet
909Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
logo
Dallas Semiconductor
DS3252 DALLAS-DS3252 Datasheet
925Kb / 71P
   Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
More results

Similar Description - DS32508N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3154DK MAXIM-DS3154DK Datasheet
956Kb / 11P
   Quad DS3/E3/STS-1 LIU Demo Kit
REV: 060903
logo
Teridian Semiconductor ...
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
   4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Maxim Integrated Produc...
DS3153DK MAXIM-DS3153DK Datasheet
633Kb / 11P
   Triple DS3/E3/STS-1 LIU Demo Kit
REV: 111403
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
   2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
   3-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
M/A-COM Technology Solu...
29323-BRF-001-A MA-COM-29323-BRF-001-A Datasheet
507Kb / 2P
   3/6-Port DS3/E3/STS-1 Integrated
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
   6-Port DS3/E3/STS-1 Integrated Line Termination
28335-BRF-001-B MA-COM-28335-BRF-001-B Datasheet
367Kb / 2P
   12-Port DS3/E3/STS-1 Line Interface Unit
28335-BRF-001-B MA-COM-28335-BRF-001-B_15 Datasheet
367Kb / 2P
   12-Port DS3/E3/STS-1 Line Interface Unit
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com