Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73525DRBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73525DRBRG4
Description  500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73525DRBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73525DRBRG4 Datasheet HTML 1Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 2Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS73525DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ELECTRICAL CHARACTERISTICS
TPS735xx
www.ti.com .................................................................................................................................................. SBVS087E – JUNE 2008 – REVISED DECEMBER 2008
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.7V, whichever is greater; IOUT = 1mA,
VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS73501, VOUT = 3.0V.
Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
6.5
V
VFB
Internal reference (TPS73501)
1.184
1.208
1.232
V
VOUT
Output voltage range (TPS73501)
VFB
6.0
V
VOUT
Output accuracy
Nominal
TJ = +25°C
–1.0
+1.0
%
VOUT + 0.3V ≤ VIN ≤ 6.5V
–2.0
±1.0
+2.0
%
1mA
≤ IOUT ≤ 500mA, VOUT > 2.2V
Over VIN,
VOUT
Output accuracy(1)
IOUT, Temp
VOUT + 0.3V ≤ VIN ≤ 6.5V
–3.0
±1.0
+3.0
%
1mA
≤ IOUT ≤ 500mA, VOUT ≤ 2.2V
ΔVOUT%/ ΔVIN
Line regulation(1)
VOUT(NOM) + 0.3V ≤ VIN ≤ 6.5V
0.02
%/V
ΔVOUT%/ ΔIOUT
Load regulation
500
µA ≤ I
OUT ≤ 500mA
0.005
%/mA
Dropout voltage(2)
VDO
IOUT = 500mA
250
500
mV
(VIN = VOUT(NOM) – 0.1V)
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
800
1170
1720
mA
IGND
Ground pin current
500
µA ≤ I
OUT ≤ 500mA
45
65
µA
ISHDN
Shutdown current (IGND)
VEN ≤ 0.4V
0.15
1.0
µA
IFB
Feedback pin current (TPS73501)
–0.5
0.5
µA
f = 100Hz
60
dB
Power-supply rejection ratio
f = 1kHz
56
dB
PSRR
VIN = 3.85V, VOUT = 2.85V,
f = 10kHz
41
dB
CNR = 0.01µF, IOUT = 100mA
f = 100kHz
28
dB
CNR = 0.01µF
11 x VOUT
µV
RMS
Output noise voltage
VN
BW = 10Hz to 100kHz, VOUT = 2.8V
CNR = none
95 x VOUT
µV
RMS
CNR = none
45
µs
Startup time, VOUT= 0% to
CNR = 0.001µF
45
µs
90%
TSTR
VOUT = 2.85V,
CNR = 0.01µF
50
µs
RL = 14Ω, COUT = 2.2µF
CNR = 0.047µF
50
µs
VEN(HI)
Enable high (enabled)
1.2
VIN
V
VEN(LO)
Enable low (shutdown)
0
0.4
V
IEN(HI)
Enable pin current, enabled
VEN = VIN = 6.5V
0.03
1.0
µA
Shutdown, temperature increasing
165
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
145
°C
TJ
Operating junction temperature
–40
+125
°C
Under-voltage lock-out
VIN rising
1.90
2.20
2.65
V
UVLO
Hysteresis
VIN falling
70
mV
(1)
Minimum VIN = VOUT + VDO or 2.7V, whichever is greater.
(2)
VDO is not measured for devices with VOUT(NOM) < 2.8V because minimum VIN = 2.7V.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS73525DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73525DRBRG4 TI-TPS73525DRBRG4 Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBRG4 TI-TPS73525DRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBRG4 TI-TPS73525DRBRG4 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS73525DRBRG4 TI1-TPS73525DRBRG4 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
More results

Similar Description - TPS73525DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX TI1-TPS735XX_11 Datasheet
814Kb / 27P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
MAY2011
TPS735XX_101 TI-TPS735XX_101 Datasheet
951Kb / 23P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
586Kb / 16P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com