Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8319 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8319
Description  16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8319 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS8319 Datasheet HTML 3Page - Texas Instruments ADS8319 Datasheet HTML 4Page - Texas Instruments ADS8319 Datasheet HTML 5Page - Texas Instruments ADS8319 Datasheet HTML 6Page - Texas Instruments ADS8319 Datasheet HTML 7Page - Texas Instruments ADS8319 Datasheet HTML 8Page - Texas Instruments ADS8319 Datasheet HTML 9Page - Texas Instruments ADS8319 Datasheet HTML 10Page - Texas Instruments ADS8319 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
PIN ASSIGNMENTS
1
2
3
4
5
10
9
8
7
6
REFIN
+VA
IN+
IN-
GND
+VBD
SDI
SCLK
SDO
CONVST
MSOP PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
(TOP VIEW)
SONPACKAGE
REFIN
+VA
IN+
IN-
GND
+VBD
SDI
SCLK
SDO
CONVST
TYPICAL CHARACTERISTICS
0
0.0005
0.001
0.0015
0.002
0.0025
0.003
0.0035
0.004
0.0045
0.005
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30 C
ref
s
A
°
-0.5
-0.45
-0.4
-0.35
-0.3
-0.25
-0.2
4.5
4.75
5
5.25
5.5
+VA -SupplyVoltage-V
+VBD=2.7V,
V
=4.096V,
f =500KSPS,
T =30 C
ref
s
A
°
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
2
2.5
3
3.5
4
4.5
5
V
-ReferenceVoltage-V
ref
+VBD=2.7V,
+VA =5V,
f =500KSPS,
T =30°C
s
A
ADS8319
www.ti.com ........................................................................................................................................................................................................ SLAS600 – MAY 2008
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NO.
NAME
ANALOG PINS
1
REFIN
I
Reference (positive) input. Decouple with GND pin using 0.1-
µF bypass capacitor and 10-µF storage
capacitor.
3
+IN
I
Noninverting analog signal input
4
–IN
I
Inverting analog signal input. Note this input has a limited range of ±0.1 V, and typically it is grounded at the
input decoupling capacitor.
I/O PINS
Convert input. It also functions as the CS input in 3-wire interface mode. Refer to Description and Timing
6
CONVST
I
Diagrams sections for more details.
7
SDO
O
Serial data output.
8
SCLK
I
Serial I/O clock input. Data (on SDO o/p) is synchronized with this clock.
9
SDI
I
Serial data input. The SDI level at the start of a conversion selects the mode of operation such as CS or daisy
chain mode. It also serves as the CS input in 4-wire interface mode. Refer to Description and Timing
Diagrmas sections for more details.
POWER SUPPLY PINS
2
+VA
Analog power supply. Decoupled with GND pin.
5
GND
Device ground. Note this is a common ground pin for both analog power supply (+VA) and digital I/O supply
(+VBD).
10
+VBD
Digital I/O power supply. Decouple with GND pin.
OFFSET ERROR
GAIN ERROR
OFFSET ERROR
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
REFERENCE VOLTAGE
Figure 3.
Figure 4.
Figure 5.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS8319


Similar Part No. - ADS8319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8319 TI-ADS8319 Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8319 TI1-ADS8319 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_15 Datasheet
1Mb / 36P
[Old version datasheet]   Serial Interface, Micropower, Miniature SAR Analog-to-Digital Converter
More results

Similar Description - ADS8319

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864IDGS TI1-ADS8864IDGS Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 400-kSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8866 TI1-ADS8866_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8864 TI1-ADS8864_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, Single-Ended Input, SAR Analog-to-Digital Converter
ADS8862 TI1-ADS8862_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com