Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS4266P+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS4266P+
Description  DDR Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4266P+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS4266P+ Datasheet HTML 1Page - Maxim Integrated Products DS4266P+ Datasheet HTML 2Page - Maxim Integrated Products DS4266P+ Datasheet HTML 3Page - Maxim Integrated Products DS4266P+ Datasheet HTML 4Page - Maxim Integrated Products DS4266P+ Datasheet HTML 5Page - Maxim Integrated Products DS4266P+ Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DDR Clock Oscillator
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 3.135V to 3.465V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS
Output High Voltage
VOHLVDSO
100
differential load (Note 1)
1.475
V
Output Low Voltage
VOLLVDSO
100
differential load (Note 1)
0.925
V
Differential Output Voltage
|VODLVDSO|
100
differential load
250
425
mV
Output Common-Mode Voltage
Variation
VLVDSOCOM
100
differential load
150
mV
Change in Differential Magnitude
or Complementary Inputs
|VODLVDSO|
100
differential load
25
mV
Offset Output Voltage
VOFFLVDSO
100
differential load (Note 1)
1.125
1.275
V
Differential Output Impedance
ROLVDSO
80
140
LVSSLVDSO
OUTN or OUTP shorted to ground and
measure the current in the shorting path
40
Output Current
LLVDSO
OUTN or OUTP shorted together
6.5
mA
Output Rise Time (Differential)
tRLVDSO
20% to 80%
175
ps
Output Fall Time (Differential)
tFLVDSO
80% to 20%
175
ps
Duty Cycle
DCYCLE_LVDS
48
52
%
Propagation Delay from OE Going
Low to Logical 1 at OUTP
tPA1
200
ns
Propagation Delay from OE Going
High to Output Active
tP1A
200
ns
LVPECL
Output High Voltage
VOH
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
VCC -
1.085
VCC -
0.88
V
Output Low Voltage
VOL
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
VCC -
1.825
VCC -
1.62
V
Differential Voltage
VDIFF_PECL
Output connected to 50
at PECL_BIAS
at VCC - 2.0V
0.595
0.710
V
Rise Time
tR-PECL
200
ps
Fall Time
tF-PECL
200
ps
Duty Cycle
DCYCLE_PECL
48
52
%
Propagation Delay from OE Going
Low to Output High Impedance
tPAZ
200
ns
Propagation Delay from OE Going
High to Output Active
tPZA
200
ns
Note 1: All voltages referenced to ground.
Note 2: AC parameters are guaranteed by design and not production tested.
Note 3: Frequency stability is calculated as:
ΔfTOTAL = ΔfTEMP + ΔfVCC x (3.3 x 5%) + ΔfLOAD + ΔfAGING.


Similar Part No. - DS4266P+

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS42 LUMILEDS-DS42 Datasheet
86Kb / 2P
   Lumileds P4 Series LED Chips
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
   USB Audio DAC
DS4201F DALLAS-DS4201F Datasheet
380Kb / 24P
   USB Audio DAC
logo
Maxim Integrated Produc...
DS4212 MAXIM-DS4212 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
More results

Similar Description - DS4266P+

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com