Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3514T+TR Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3514T+TR
Description  I2C Gamma and VCOM Buffer with EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3514T+TR Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3514T+TR Datasheet HTML 1Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 2Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 3Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 4Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 5Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 6Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 7Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 8Page - Maxim Integrated Products DS3514T+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
I2C Gamma and VCOM Buffer with EEPROM
_______________________________________________________________________________________
3
INPUT ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -45°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resistance (GHH, GHM,
GLM, GLL)
75
k
Input Resistance Tolerance
TA= +25°C
-20
+20
%
Power-On Recall Voltage
VPOR
(Note 7)
1.6
2.6
V
Power-Up Time
tD
(Note 8)
25
ms
OUTPUT ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, VRL = +2.0V, GLL = +0.2V, GLM = +4.8V, GHM = +10.2V, VRH = +13.0V, GHH = +14.8V, TA = -45°C to
+95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GM1–GM14 DAC Resolution
10
Bits
VCOM DAC Resolution
8
Bits
VCOM Integral Nonlinearity Error
INL
TA= +25°C (Note 9)
-0.5
+0.5
LSB
VCOM Differential Nonlinearity
Error
DNL
TA= +25°C (Note 10)
-0.5
+0.5
LSB
GM1–GM14 Integral
Nonlinearity Error
INL
TA= +25°C (Note 9)
-1.0
+1.0
LSB
GM1–GM14 Differential
Nonlinearity Error
DNL
TA= +25°C (Note 10)
-0.35
+0.35
LSB
Output Voltage Range (VCOM)
2.0
VDD - 2.0
V
Output Voltage Range (GM1–G14)
0.2
VDD - 0.2
V
VCOM Output Accuracy
TA= +25°C
-20
+20
mV
GM1–GM14 Offset
GM outputs = VDD/2, TA= +25°C
37
mV
GM1–GM14 Output Accuracy
GM outputs = VDD/2, TA= +25°C
-35
+35
mV
Voltage Gain (GM1–GM14)
0.995
V/V
Load Regulation
(VCOM, GM1–GM14)
1.0
mV/mA
Short-Circuit Current (VCOM)
To VDD or GND
250
mA
S0/S1 to LD Setup Time
tSU
Figure 2
37.5
ns
S0/S1 to LD Hold Time
tHD
Figure 2
37.5
ns
VCOM Settling Time from LD Low
to High (S0/S1 Meet tSU)
tSET-V
Settling to 0.1% of final VCOM level
(Figure 1) (Note 11)
2.0
μs
GM1–GM14 Settling Time from
LD Low to High
tSET-G
4tAU settled with ILOAD= ±20mA
(Figure 2) (Notes 11, 12, 13)
5.0
μs
S0, S1 to GM1–GM14 Output
10% Settled
tSEL
10% settling (Figure 3), LD = VCC
(asynchronous) (Notes 11, 13)
600
ns


Similar Part No. - DS3514T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T++ MAXIM-DS3510T+ Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T+TR MAXIM-DS3510T+TR Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results

Similar Description - DS3514T+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com