Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3232SN- Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS3232SN-
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232SN- Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS3232SN- Datasheet HTML 5Page - Maxim Integrated Products DS3232SN- Datasheet HTML 6Page - Maxim Integrated Products DS3232SN- Datasheet HTML 7Page - Maxim Integrated Products DS3232SN- Datasheet HTML 8Page - Maxim Integrated Products DS3232SN- Datasheet HTML 9Page - Maxim Integrated Products DS3232SN- Datasheet HTML 10Page - Maxim Integrated Products DS3232SN- Datasheet HTML 11Page - Maxim Integrated Products DS3232SN- Datasheet HTML 12Page - Maxim Integrated Products DS3232SN- Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
_____________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1, 2,
7–14, 19
N.C.
No Connection. Not connected internally. Must be connected to ground.
3
32kHz
32kHz Push-Pull Output. If disabled with either EN32kHz = 0 or BB32kHz = 0, the state of the 32kHz pin
will be low.
4
VCC
DC Power Pin for Primary Power Supply. This pin should be decoupled using a 0.1μF to 1.0μF capacitor.
5
INT/SQW
Active-Low Interrupt or Square-Wave Output. This open-drain pin requires an external pullup resistor. It can
be left open if not used. This multifunction pin is determined by the state of the INTCN bit in the Control
Register (0Eh). When INTCN is set to logic 0, this pin outputs a square wave and its frequency is
determined by RS2 and RS1 bits. When INTCN is set to logic 1, then a match between the timekeeping
registers and either of the alarm registers activates the
INT/SQW pin (if the alarm is enabled). Because the
INTCN bit is set to logic 1 when power is first applied, the pin defaults to an interrupt output with alarms
disabled. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC. If not used, this pin can
be left floating.
6
RST
Active-Low Reset. This pin is an open-drain input/output. It indicates the status of VCC relative to the
VPF specification. As VCC falls below VPF, the
RST pin is driven low. When VCC exceeds VPF, for tRST, the
RST pin is driven high impedance. The active-low, open-drain output is combined with a debounced
pushbutton input function. This pin can be activated by a pushbutton reset request. It has an internal 50k
nominal value pullup resistor to VCC. No external pullup resistors should be connected. If the crystal
oscillator is disabled, tRST is bypassed and
RST immediately goes high.
15
GND
Ground
16
VBAT
Backup Power-Supply Input. This pin should be decoupled using a 0.1μF to 1.0μF low-leakage capacitor.
If the I2C interface is inactive whenever the device is powered by the VBAT input, the decoupling capacitor
is not required. If VBAT is not used, connect to ground. Diodes placed in series between the VBAT pin and
the battery can cause improper operation. UL recognized to ensure against reverse charging when used
with a lithium battery. Go to www.maxim-ic.com/qa/info/ul.
17
SDA
Serial-Data Input/Output. This pin is the data input/output for the I2C serial interface. This open-drain pin
requires an external pullup resistor. The pullup voltage can be up to 5.5V, regardless of the voltage on VCC.
18, 20
SCL
Serial-Clock Input. This pin is the clock input for the I2C serial interface and is used to synchronize data
movement on the serial interface. A connection to only one of the pins is required. The other pin must be
connected to the same signal or be left floating. Up to 5.5V can be used for this pin, regardless of the
voltage on VCC.
power failures and to automatically switch to the back-
up supply when necessary. The RST pin provides an
external pushbutton function and acts as an indicator of
a power-fail event. Also available are 236 bytes of gen-
eral-purpose battery-backed SRAM.
Operation
The block diagram shows the main elements of the
DS3232. The eight blocks can be grouped into four
functional groups: TCXO, power control, pushbutton
function, and RTC. Their operations are described sep-
arately in the following sections.
32kHz TCXO
The temperature sensor, oscillator, and control logic
form the TCXO. The controller reads the output of the
on-chip temperature sensor and uses a lookup table to
determine the capacitance required, adds the aging
correction in AGE register, and then sets the capaci-
tance selection registers. New values, including
changes to the AGE register, are loaded only when a
change in the temperature value occurs. The tempera-
ture is read on initial application of VCC and once every
64 seconds (default, see the description for CRATE1
and CRATE0 in the control/status register) afterwards.


Similar Part No. - DS3232SN-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232SN MAXIM-DS3232SN Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232SN MAXIM-DS3232SN Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
More results

Similar Description - DS3232SN-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com