Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3514 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3514
Description  I2C Gamma and VCOM Buffer with EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3514 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3514 Datasheet HTML 3Page - Maxim Integrated Products DS3514 Datasheet HTML 4Page - Maxim Integrated Products DS3514 Datasheet HTML 5Page - Maxim Integrated Products DS3514 Datasheet HTML 6Page - Maxim Integrated Products DS3514 Datasheet HTML 7Page - Maxim Integrated Products DS3514 Datasheet HTML 8Page - Maxim Integrated Products DS3514 Datasheet HTML 9Page - Maxim Integrated Products DS3514 Datasheet HTML 10Page - Maxim Integrated Products DS3514 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
I2C Gamma and VCOM Buffer with EEPROM
_______________________________________________________________________________________
7
DIGITAL SUPPLY STANDBY CURRENT
vs. VCC
VCC VOLTAGE (V)
5
4
3
5
10
15
20
25
30
0
26
SDA = SCL = VCC
DIGITAL SUPPLY STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
55
35
15
-5
-25
5
10
15
20
25
30
0
-45
95
SDA = SCL = VCC
VCC = 5.0V
VCC = 3.3V
ANALOG SUPPLY STANDBY CURRENT
vs. VDD
VDD VOLTAGE (V)
13
11
50
100
150
200
250
300
350
400
450
0
915
ANALOG SUPPLY STANDBY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
55
15
35
-5
-25
50
100
150
200
250
300
350
400
450
0
-45
95
ANALOG SUPPLY CURRENT
vs. VDD
VDD VOLTAGE (V)
13
11
1
2
3
4
5
6
7
8
9
10
0
915
BIAS = 150%
BIAS = 80%
BIAS = 60%
BIAS = 100%
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
75
55
15
35
-5
-25
1
2
3
4
5
6
7
8
9
10
0
-45
95
BIAS = 150%
BIAS = 80%
BIAS = 60%
BIAS = 100%
GAMMA SETTLING
TIME (
μs)
4
3
2
1
0
5
6
7
8
9
10
4
-1
5
BIAS = 150%
BIAS = 80%
BIAS = 60%
BIAS = 100%
GAMMA OUTPUT vs. SETTING
GAMMA SETTING (DEC)
896
768
640
512
384
256
128
3
6
9
12
15
0
0
1024
VDD = 15.0V, GHH = 14.8V,
GHM = 10.2V, GLM = 4.8V,
GLL = 0.2V
GM8 TO GM14
GM1 TO GM7
GM DNL
GAMMA SETTING (DEC)
896
768
512 640
256 384
128
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.25
0
1024
Typical Operating Characteristics
(VCC = +5.0V, VDD = +15V, TA = +25°C, unless otherwise noted.)


Similar Part No. - DS3514

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T++ MAXIM-DS3510T+ Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3510T+TR MAXIM-DS3510T+TR Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
More results

Similar Description - DS3514

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
   I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com