Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3503U+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3503U+
Description  NV, I2C, Stepper Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3503U+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3503U+ Datasheet HTML 4Page - Maxim Integrated Products DS3503U+ Datasheet HTML 5Page - Maxim Integrated Products DS3503U+ Datasheet HTML 6Page - Maxim Integrated Products DS3503U+ Datasheet HTML 7Page - Maxim Integrated Products DS3503U+ Datasheet HTML 8Page - Maxim Integrated Products DS3503U+ Datasheet HTML 9Page - Maxim Integrated Products DS3503U+ Datasheet HTML 10Page - Maxim Integrated Products DS3503U+ Datasheet HTML 11Page - Maxim Integrated Products DS3503U+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NV, I2C, Stepper Potentiometer
8
_______________________________________________________________________________________
PERIOD/2 pulses have been applied to the SYNC
input. During this disable time, the power-up or new
WR value is applied to the RW potentiometer and
position 40h (code 64 decimal) is applied to the Y
potentiometer. Additionally, the step counter is
cleared during this disable time.
After the initialization pulses, stepping is enabled again.
The RW potentiometer starts from the power-up or new
WR value and the Y potentiometer starts from position
40h (code 64 decimal). The step counter starts from
zero in the up direction.
The stepping function is further described as follows:
An internal counter called PERIODCOUNT is set equal
to PERIOD.
The input to the RW potentiometer is WR + COUNT; the
input to the Y potentiometer is code 64 + COUNT.
When a SYNC pulse is received:
PERIODCOUNT = PERIODCOUNT - 1
If PERIODCOUNT = 0 (underflow), the following actions
occur:
If direction is UP:
COUNT = min (COUNT + 1, STEPCOUNT)
RW = min (127 - STEPCOUNT, WR + COUNT);
Y = 64 + COUNT
PERIODCOUNT is reset to PERIOD
If direction is DOWN:
COUNT = max (COUNT - 1, -STEPCOUNT)
RW = max (STEPCOUNT, WR - COUNT);
Y = 64 - COUNT
PERIODCOUNT is reset to PERIOD
If COUNT = STEPCOUNT, direction is changed from
UP to DOWN.
If COUNT = -STEPCOUNT, direction is changed from
DOWN to UP.
In this way the RW output steps up to WR+STEP-
COUNT, then steps down to WR-STEPCOUNT, and then
repeats the cycle. The outputs of the RW and Y DACs
change by one LSB = (VRH - VRL)/127 per PERIOD.
STEPCOUNT and PERIOD are programmable from I2C
and are stored in the nonvolatile SCR (Table 2).
The STEPCOUNT 5-bit value programmed into
SCR<4:0> controls the stepping range reflected in the
RW or Y outputs per Table 4, assuming STEPCOUNT <
IVR < 127 - STEPCOUNT:
Example 1:
WR = 41h (65 decimal): SCR<4:0> = STEPCOUNT
= 10000 (16 decimal)
RW range: 49
↔ 81 (decimal)
Y range: 48
↔ 80 (decimal)
Example 2:
WR = 50h (80 decimal): SCR<4:0> = STEPCOUNT
= 11000 (24 decimal)
RW range: 56
↔ 104 (decimal)
Y range: 40
↔ 88 (decimal)
Example 3: Clamping at Lower Rail
WR = 10h (16 decimal): SCR<4:0> = STEPCOUNT
= 11111 (31 decimal)
RW range: 0
↔ 62 (decimal)
Y range: 33
↔ 95 (decimal)
Example 4: Clamping at Upper Rail
WR = 70h (112 decimal): SCR<4:0> = STEPCOUNT
= 11111 (31 decimal)
RW range: 65
↔ 127 (decimal)
Y range: 33
↔ 95 (decimal)
SCR<4:0>
(BINARY)
DAC RANGE
0 0000
Stepping disabled; WR is
output
0 0001
WR-1 to WR+1
0 0010
WR-2 to WR+2
0 0011
WR-3 to WR+3
0 0100
WR-4 to WR+4
0 0101
WR-5 to WR+5
. . .
. . .
1 1110
WR-30 to WR+30
. . .
. . .
1 1111
WR-31 to WR+31
Table 4. DAC Stepping Range


Similar Part No. - DS3503U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3503U++ MAXIM-DS3503U+ Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS3503U+TR MAXIM-DS3503U+TR Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
More results

Similar Description - DS3503U+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3503 MAXIM-DS3503_09 Datasheet
232Kb / 13P
   NV, I2C, Stepper Potentiometer
Rev 1; 3/09
DS1804 MAXIM-DS1804 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS3502 MAXIM-DS3502 Datasheet
155Kb / 10P
   High-Voltage, NV, I2C POT
Rev 0; 1/08
DS1881 MAXIM-DS1881 Datasheet
222Kb / 16P
   Dual NV Audio Taper Digital Potentiometer
Rev 0; 1/06
DS3502 MAXIM-DS3502_09 Datasheet
162Kb / 11P
   High-Voltage, NV, I2C POT
Rev 1; 3/09
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
DS1841 MAXIM-DS1841 Datasheet
252Kb / 16P
   Temperature-Controlled, NV, I2C, Logarithmic Resistor
Rev 0; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com