Part Name
         Description
DS3102GN

 Stratum 3 Timing Card IC with Synchronous Ethernet Support ( 141 Page)


MAXIM
100% 
Zoom Out Zoom In
 17 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
17 of 141
7.
Functional Description
7.1
Overview
The DS3102 has eight input clocks pins and three frame-sync input pins. The device can output as many as nine
different clock frequencies on 16 output clock pins. There are two separate DPLLs in the device: the high-
performance T0 DPLL and the simpler the T4 DPLL. Both DPLLs can generate output clocks. See Figure 3-1.
Four of the input clock pins are single-ended and can accept clock signals from 2kHz to 125MHz. The other four
are differential inputs that can accept clock signals up to 156.25MHz. The differential inputs can be configured to
accept differential LVDS or LVPECL signals or single-ended CMOS/TTL signals.
Each input clock can be monitored continually for activity and/or frequency. Frequency can be compared to both a
hard limit and a soft limit. Inputs outside the hard limit are declared invalid, while inputs inside the hard limit but
outside the soft limit are merely flagged. Each input can be marked unavailable or given a priority number.
Separate input priority numbers are maintained for the T0 DPLL and the T4 DPLL. Except in special modes, the
highest priority valid input is automatically selected as the reference for each path. SRFAIL is set or cleared based
on activity and/or frequency of the selected input.
Both the T0 DPLL and the T4 DPLL can directly lock to many common telecom and datacom frequencies,
including, but not limited to, 8kHz, DS1, E1, 10MHz, 19.44MHz, and 38.88MHz as well as Ethernet frequencies
including 25MHz, 62.5MHz, 125MHz, and 156.25MHz. The DPLLs can also lock to multiples of the standard direct-
lock frequencies including 8kHz.
The T0 DPLL is the high-performance path with all the features needed for line timing synchronization. The T4
DPLL is a simpler auxiliary path typically used to provide derived DS1s, E1s, or other synchronization signals to an
external BITS/SSU. The T4 APLL can be connected to either the T4 DPLL or the T0 DPLL to provide extra low-
jitter output frequencies from the T0 DPLL. There is also a dedicated low-jitter APLL output that operates at
312.5MHz for 10G Ethernet applications.
Using the optional PLL bypass, the T4 selected reference, after any frequency division, can be directly output on
any of the OC1 to OC7 output clock pins.
Both DPLLs have these features:
Automatic reference selection based on input activity, quality, and priority
Optional manual reference selection/forcing
Configurable quality thresholds for each input
Adjustable PLL characteristics, including bandwidth, pull-in range, and damping factor
Ability to lock to several common telecom and Ethernet frequencies plus multiples of any standard
direct lock frequency.
Frequency conversion between input and output using digital frequency synthesis
Combined performance of a stable, consistent digital PLL and low-jitter analog output PLLs
The T0 DPLL has these additional features not available in the T4 DPLL:
A full state machine for automatic transitions among free-run, locked, and holdover states
Nonrevertive reference switching mode
Phase build-out for reference switching (“hitless”) and for phase hits on the selected reference
Output vs. input phase offset control
21 bandwidth selections from 0.5mHz to 400Hz (vs. three selections for the T4 DPLL)
Noise rejection circuitry for low-frequency references
Output phase alignment to input frame-sync signal
Several frequency averaging methods for acquiring the holdover frequency
The T4 DPLL has these additional features not available in the T0 DPLL:
Three bandwidth selections limited to 18Hz to 70Hz
Optional mode to measure the phase difference between two input clocks



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
DS3104Line Card Timing IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
SC475ASynchronous Buck Controller with Dual-Level VOUT Transition Support 1 2 3 4 5 MoreSemtech Corporation
LAN9215I_07Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9215IHighly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9218IHigh-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
DS3100Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreMaxim Integrated Products
LM5073100V Power Over Ethernet PD Interface with Aux Support Coming SoonNational Semiconductor
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl