Part Name
         Description
DS3102GN

 Stratum 3 Timing Card IC with Synchronous Ethernet Support ( 141 Page)


MAXIM
100% 
Zoom Out Zoom In
 12 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
12 of 141
5.4
Output APLL Features
Three separate clock multiplying, jitter attenuating APLLs can simultaneously produce SONET/SDH rates,
Fast/Gigabit Ethernet rates, and 10G Ethernet rates, all locked to a common reference clock
The T0 APLL, always connected to the T0 DPLL, has frequency options suitable for N x 19.44MHz,
N x DS1, N x E1, N x 25MHz, and N x 62.5MHz
The T4 APLL can be connected to either the T0 DPLL or the T4 DPLL and has frequency options suitable
for N x 19.44MHz, N x DS1, N x E1, N x DS2, DS3, E3, N x 10MHz, N x 10.24MHz, N x 13MHz,
N x 25MHz, and N x 62.5MHz
The T0 APLL2, always connected to the T0 DPLL, produces 312.5MHz for 10G Synchronous Ethernet
applications
5.5
Output Clock Features
Seven output clocks: three CMOS/TTL (≤ 125MHz), two LVDS/LVPECL (≤ 312.50MHz), and two dual
CMOS/TTL and LVDS/LVPECL
Output clock rates include 2kHz, 8kHz, N x DS1, N x E1, DS2, DS3, E3, 6.48MHz, 19.44MHz, 38.88MHz,
51.84MHz, 77.76MHz, 155.52MHz, 311.04MHz, 2.5MHz, 25MHz, 125MHz, 156.25MHz, 312.50MHz,
10MHz, 10.24MHz, 13MHz, 30.72MHz, and various multiples and submultiples of these rates
Custom clock rates also available: any multiple of 2kHz up to 77.76MHz, any multiple of 8kHz up to 311.04MHz,
and any multiple of 10kHz up to 388.79MHz
Three independent output APLLs support simultaneous generation of 155.52MHz for SONET/SDH,
125MHz for Gigabit Ethernet, and 156.25/312.5MHz for 10G Ethernet (plus various multiples/submultiples
of each)
All outputs have < 1ns peak-to-peak output jitter; outputs from APLLs have < 0.5ns peak-to-peak
Each CMOS/TTL clock output has two leads, the standard output (e.g., OC1) with a 3.3V power supply,
and the “B” output (e.g., OC1B) connected to the VDDIOB power supply for optional 2.5V output signal levels.
8kHz frame sync and 2kHz multiframe sync outputs have programmable polarity and pulse width and can
be disciplined by a 2kHz or 8kHz sync input
5.6
Redundancy Features
Devices on redundant timing cards can be configured for master/slave operation
Clocks and frame syncs can be cross-wired between devices to ensure that slave always tracks master
Input clock priority tables can easily be kept synchronized between master and slave
5.7
General Features
Operates from a single external 12.800MHz local oscillator (XO, TCXO, or OCXO)
On-chip watchdog circuit for the local (REFCLK) oscillator
SPI serial microprocessor interface
Four general-purpose I/O pins
Register set can be write protected



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
DS3104Line Card Timing IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
SC475ASynchronous Buck Controller with Dual-Level VOUT Transition Support 1 2 3 4 5 MoreSemtech Corporation
LAN9215I_07Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9215IHighly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9218IHigh-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
DS3100Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreMaxim Integrated Products
LM5073100V Power Over Ethernet PD Interface with Aux Support Coming SoonNational Semiconductor
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl