Part Name
         Description
DS3102GN

 Stratum 3 Timing Card IC with Synchronous Ethernet Support ( 141 Page)


MAXIM
100% 
Zoom Out Zoom In
 84 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
84 of 141
Register Name:
MCLK1
Register Description:
Master Clock Frequency Adjustment Register 1
Register Address:
3Ch
Bit #
7
6
5
4
3
2
1
0
Name
MCLKFREQ[7:0]
Default
1
0
0
1
1
0
0
1
Note: The MCLK1 and MCLK2 registers must be read consecutively and written consecutively. See Section 8.3.
Bits 7 to 0: Master Clock Frequency Adjustment (MCLKFREQ[7:0]). The full 16-bit MCLKFREQ[15:0] field
spans this register and MCLK2. MCLKFREQ is an unsigned integer that adjusts the frequency of the internal
204.8MHz master clock with respect to the frequency of the local oscillator clock on the REFCLK pin by up to
+514ppm and -771ppm. The master clock adjustment has the effect of speeding up the master clock with a positive
adjustment and slowing it down with a negative adjustment. For example, if the oscillator connected to REFCLK
has an offset of +1ppm, the adjustment should be -1ppm to correct the offset.
The formulas below translate adjustments to register values and vice versa. The default register value of 39,321
corresponds to 0ppm. See Section 7.3.
MCLKFREQ[15:0] = adjustment_in_ppm / 0.0196229 + 39,321
adjustment_in_ppm = (MCLKFREQ[15:0] – 39,321)
× 0.0196229
Register Name:
MCLK2
Register Description:
Master Clock Frequency Adjustment Register 2
Register Address:
3Dh
Bit #
7
6
5
4
3
2
1
0
Name
MLCKFREQ[15:8]
Default
1
0
0
1
1
0
0
1
Bits 7 to 0: Master Clock Frequency Adjustment (MCLKFREQ[15:8]). See the MCLK1 register description.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
DS3104Line Card Timing IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
SC475ASynchronous Buck Controller with Dual-Level VOUT Transition Support 1 2 3 4 5 MoreSemtech Corporation
LAN9215I_07Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9215IHighly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9218IHigh-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
DS3100Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreMaxim Integrated Products
LM5073100V Power Over Ethernet PD Interface with Aux Support Coming SoonNational Semiconductor
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl