Part Name
         Description
DS3102GN

 Stratum 3 Timing Card IC with Synchronous Ethernet Support ( 141 Page)


MAXIM
100% 
Zoom Out Zoom In
 78 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
78 of 141
Register Name:
MCR5
Register Description:
Master Configuration Register 5
Register Address:
36h
Bit #
7
6
5
4
3
2
1
0
Name
RSV[4:1]
IC2SF
IC1SF
IC6SF
IC5SF
Default
0
0
0
0
0
0
0
0
Bits 7 to 4: Reserved Bits 4 to 1 (RSV[4:1]). These bits are reserved for future use. They can be written to and
read back, but they should only be set to 0.
Bit 3: Input Clock 2 Signal Format (IC2SF). For backward compatibility this bit can be written to and read back,
but it does not affect the IC2POS/NEG inputs pins. See Section 7.4.1.
Bit 2: Input Clock 1 Signal Format (IC1SF). For backward compatibility this bit can be written to and read back,
but it does not affect the IC1POS/NEG inputs pins. See Section 7.4.1.
Bit 1: Input Clock 6 Signal Format (IC6SF). For backward compatibility this bit can be written to and read back,
but it does not affect the IC6POS/NEG inputs pins. See Section 7.4.1.
Bit 0: Input Clock 5 Signal Format (IC5SF). For backward compatibility this bit can be written to and read back,
but it does not affect the IC5POS/NEG inputs pins. See Section 7.4.1.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
DS3104Line Card Timing IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
SC475ASynchronous Buck Controller with Dual-Level VOUT Transition Support 1 2 3 4 5 MoreSemtech Corporation
LAN9215I_07Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9215IHighly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9218IHigh-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
DS3100Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreMaxim Integrated Products
LM5073100V Power Over Ethernet PD Interface with Aux Support Coming SoonNational Semiconductor
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl