Part Name
         Description
DS3102GN

 Stratum 3 Timing Card IC with Synchronous Ethernet Support ( 141 Page)


MAXIM
100% 
Zoom Out Zoom In
 70 page
background image
____________________________________________________________________________________________ DS3102
Rev: 102808
70 of 141
Register Name:
IPR1
Register Description:
Input Priority Register 1
Register Address:
18h
Bit #
7
6
5
4
3
2
1
0
Name
PRI2[3:0]
PRI1[3:0]
Default (T0)
0
0
0
1
0
0
0
0
Default (T4)
0
0
0
1
0
0
0
0
Bits 7 to 4: Priority for Input Clock 2 (PRI2[3:0]). Priority 0001 is highest; priority 1111 is lowest. When
MCR11:T4T0 = 0, PRI2 configures IC2’s priority for the T0 DPLL. When T4T0 = 1, PRI2 configures IC2’s priority for
the T4 path. See Section 7.6.1.
0000 = IC2 unavailable for selection.
0001–1111= IC2 relative priority
Bits 3 to 0: Priority for Input Clock 1 (PRI1[3:0]). Priority 0001 is highest; priority 1111 is lowest. When
MCR11:T4T0 = 0, PRI1 configures IC1’s priority for the T0 DPLL. When T4T0 = 1, PRI1 configures IC1’s priority for
the T4 path. See Section 7.6.1.
0000 = IC1 unavailable for selection.
0001–1111= IC1 relative priority
Register Name:
IPR2
Register Description:
Input Priority Register 2
Register Address:
19h
Bit #
7
6
5
4
3
2
1
0
Name
PRI4[3:0]
PRI3[3:0]
Default (T0)
0
0
1
1
0
0
1
0
Default (T4)
0
0
1
1
0
0
1
0
Bits 7 to 4: Priority for Input Clock 4 (PRI4[3:0]). Priority 0001 is highest; priority 1111 is lowest. When
MCR11:T4T0 = 0, PRI4 configures IC4’s priority for the T0 DPLL. When T4T0 = 1, PRI4 configures IC4’s priority for
the T4 path. See Section 7.6.1.
0000 = IC4 unavailable for selection
0001–1111= IC4 relative priority
Bits 3 to 0: Priority for Input Clock 3 (PRI3[3:0]). Priority 0001 is highest; priority 1111 is lowest. When
MCR11:T4T0 = 0, PRI3 configures IC3’s priority for the T0 DPLL. When T4T0 = 1, PRI3 configures IC3’s priority for
the T4 path. See Section 7.6.1.
0000 = IC3 unavailable for selection
0001–1111= IC3 relative priority



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3102Stratum 3 Timing Card IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
DS3104Line Card Timing IC with Synchronous Ethernet Support 1 2 3 4 5 MoreMaxim Integrated Products
SC475ASynchronous Buck Controller with Dual-Level VOUT Transition Support 1 2 3 4 5 MoreSemtech Corporation
LAN9215I_07Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9215IHighly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
LAN9218IHigh-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support 1 2 3 4 5 MoreSMSC Corporation
DS3100Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreMaxim Integrated Products
LM5073100V Power Over Ethernet PD Interface with Aux Support Coming SoonNational Semiconductor
DS3101Stratum 3/3E Timing Card IC 1 2 3 4 5 MoreDallas Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl