Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2712E+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2712E+
Description  Loose Cell NiMH Chargers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712E+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2712E+ Datasheet HTML 1Page - Maxim Integrated Products DS2712E+ Datasheet HTML 2Page - Maxim Integrated Products DS2712E+ Datasheet HTML 3Page - Maxim Integrated Products DS2712E+ Datasheet HTML 4Page - Maxim Integrated Products DS2712E+ Datasheet HTML 5Page - Maxim Integrated Products DS2712E+ Datasheet HTML 6Page - Maxim Integrated Products DS2712E+ Datasheet HTML 7Page - Maxim Integrated Products DS2712E+ Datasheet HTML 8Page - Maxim Integrated Products DS2712E+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2711/DS2712: Loose Cell NiMH Charger
2 of 15
Table 1. ORDERING INFORMATION
+ Denotes lead-free package.
ABSOLUTE MAXIMUM RATINGS*
Voltage on All Pins Relative to VSS
-0.3V to +6V
Voltage on DMSEL
VDD + 0.3V
Continuous Sink Current CC1, CC2, LED1, LED2 and CSOUT
20mA
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020
*This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(4.0V
≤ VDD ≤ 5.5V; TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
4.0
5.5
V
Input Voltage Range
LED2, DMSEL
-0.3
+5.5
V
DC ELECTRICAL CHARACTERISTICS
(4.0V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, VDD
IDD
Operating mode
250
500
μA
UVLO Threshold
VUVLO
VDD rising (Note 1)
3.5
3.9
V
UVLO Hysteresis
VUHYS
VDD falling from above
VUVLO
40
mV
Output-Voltage Low,
CC1, CC2, LED1, LED2
VOL1
VDD = 5.0V,
IOL = 20mA (Note 1)
1.0
V
Output-Voltage Low,
CSOUT
VOL2
VDD = 5.0V,
IOL = 20mA (Note 1)
0.75
1.25
V
Leakage Current,
CC1, CC2, LED1, LED2,
CSOUT
ILKG
VDD = 5.0V,
Output inactive
-1
+1
μA
Threshold Voltage,
-
ΔV Termination
V-ΔV
After tTHO
1.0
2.0
3.0
mV
Mode Test Current,
DMSEL, LED2
IMTST
(Notes 2, 3)
5
15
μA
PART
MARKING
PIN-PACKAGE
DS2711Z
DS2711
16 SO
DS2711Z/T&R
DS2711
16 SO, Tape-and-Reel
DS2712Z
DS2712
16 SO
DS2712Z/T&R
DS2712
16 SO, Tape-and-Reel
DS2711Z+
DS2711
16 SO
DS2711Z+T&R
DS2711
16 SO, Tape-and-Reel
DS2712Z+
DS2712
16 SO
DS2712Z+T&R
DS2712
16 SO, Tape-and-Reel
DS2711E+
DS2711
16 TSSOP
DS2711E+T&R
DS2711
16 TSSOP, Tape-and-Reel
DS2712E+
DS2712
16 TSSOP
DS2712E+T&R
DS2712
16 TSSOP, Tape-and-Reel


Similar Part No. - DS2712E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712E++ MAXIM-DS2712E+ Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
DS2712E+T MAXIM-DS2712E+T Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
More results

Similar Description - DS2712E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711_11 Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Maxim Integrated Produc...
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
NXP Semiconductors
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com