Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2712Z+TR Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2712Z+TR
Description  Loose Cell NiMH Chargers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2712Z+TR Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2712Z+TR Datasheet HTML 1Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 2Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 3Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 4Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 5Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 6Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 7Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 8Page - Maxim Integrated Products DS2712Z+TR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1 of 15
120808
DESCRIPTION
The DS2711 and DS2712 are ideal for in-system or
stand-alone charging of 1 or 2 AA or AAA NiMH
“loose” cells. Temperature, voltage, and charge time
are monitored to provide proper fast charging control
algorithms for nickel metal hydride (NiMH) batteries.
Battery tests are included to detect defective or
inappropriate cells such as alkaline primary batteries.
The DS2711/DS2712 support series and parallel
topologies, with independent monitoring and control of
each cell. Charging of NiCd chemistry cells is also
supported.
FEATURES
Charge 1 or 2 NiMH Cells
Detect and Avoid Charging Alkaline Cells
Precharge Deeply Depleted Cells
Fast Charge NiMH with -
ΔV Termination
Sensitivity of 2mV (typ)
Monitor Voltage, Temperature, and Time for
Safety and Secondary Termination
Regulate Charge Current:
Linear Control (DS2711)
Switch-Mode Control (DS2712)
Drive PMOS or PNP-Type Pass Element or
Switch, or an Optocoupler
Compatible with Popular Optocouplers and
Integrated Primary Side PWM Controllers
Small 16-Pin SO or TSSOP Package
APPLICATIONS
Desktop/Stand-Alone Chargers (AAA/AA)
Digital Still Cameras
Music Players
Games
Toys
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
CC1
Cell 1 Charge-Control Output
2
CC2
Cell 2 Charge-Control Output
3
LED1
Cell 1 Status
4
VSS
Ground Reference and Chip-Supply
Return
5
LED2
Cell 2 Status, Mode-Select Input
6
CSOUT Current-Sense Output
7
VN1
Current-Sense + Input
8
VN0
Current-Sense - Input
9
DMSEL Display-Mode Select
10
CTST
Cell Test Threshold Set
11
TMR
Charge Timer Set
12
VDD
Chip-Supply Input (4.0V to 5.5V)
13
THM1
Cell 1 Thermistor Input
14
THM2
Cell 2 Thermistor Input
15
VP1
Cell 1 Positive-Terminal Sense Input
16
VP2
Cell 2 Positive-Terminal Sense Input
DS2711/DS2712
Loose Cell NiMH Chargers
www.maxim-ic.com
See Table 1 for Ordering Information.
16 SO (150 mil) / TSSOP (4.4 mm)


Similar Part No. - DS2712Z+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2712Z+T MAXIM-DS2712Z+T Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
More results

Similar Description - DS2712Z+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2711 MAXIM-DS2711_11 Datasheet
238Kb / 15P
   Loose-Cell NiMH Chargers Detect and Avoid Charging Alkaline Cells
Rev 4/11
DS2714 MAXIM-DS2714 Datasheet
211Kb / 12P
   Quad Loose Cell NiMH Charger
REV: 080206
DS2714 MAXIM-DS2714_V01 Datasheet
440Kb / 12P
   Quad Loose Cell NiMH Charger
2007
DS2710G MAXIM-DS2710G Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Maxim Integrated Produc...
DS2710 MAXIM-DS2710 Datasheet
161Kb / 12P
   Single-Cell NiMH Charger
Rev 0; 4/08
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
logo
Maxim Integrated Produc...
MAX1925 MAXIM-MAX1925 Datasheet
443Kb / 16P
   Switch-Mode 1-Cell Li Chargers
Rev 1; 10/02
logo
NXP Semiconductors
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com