Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3GSR42-C-80N-25.000 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 3GSR42-C-80N-25.000
Description  11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

3GSR42-C-80N-25.000 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  3GSR42-C-80N-25.000 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR42 sine wave VCXOs provide a true sine wave out output. The
VCXOs are packaged in the industry-standard, 4 pad 11.4 x 9.6mm
SMD package. The VCXO is produced to close tolerances and has low
current consumption.
Sine Wave output VCXO
Output 10k
//10pF load, 1.0V p-p
Harmonics < 25dBc
Low current consumption
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
10.0MHz to 30.0MHz
Input Voltage:
+2.8V, +3.3V±5% or +5.0VDC ±5%
Frequency Stability:
See table
Control Voltage Centre:
+2.5 VDC
Initial Frequency Accuracy:
±15ppm with Conrol V at +2.5VDC
Control Voltage Range:
+0.5V to +4.5VDC
Frequency Deviation Range:
±100ppm typical*
Output Wave Form:
True Sine Wave
Output Level:
10k //10pF load, 1.0V p-p
Harmonics:
<-25dBc
Phase Noise:
-130dBc/Hz at 1kHz offset
Current Consumption
Supply = 2.8V:
1.0mA
Supply = 3.3V:
1.1mA
Supply = 5.0V:
1.2mA
Start-up Time:
2.0ms typical
Storage Temperature:
-50° to +125°C
Sub-Harmonics:
None
Ageing:
±5ppm per year maximum
Enable/Disable:
Not implemented - 4 pad package
RoHS Status:
Fully compliant or non-compliant
SPECIFICATION
* Wider pulling range available
Example:
3GSR42G-A-80N-25.000
PART NUMBERING
Supply Voltage
3 = 3.3 Volts
5 = 5.0 Volts
Series Designation
GSR42
RoHS Status
G = compliant
Blank = non-compliant
Frequency Stability
See table
Pull Range
±ppm
Pull Range Code
M = Maximum
N = Minimum
T = Typical
Frequency
MHz
GSR42 Sine Wave VCXOs
DESCRIPTION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm Temp. Range


Similar Part No. - 3GSR42-C-80N-25.000

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
3GSR42-C-80N-25.000 EUROQUARTZ-3GSR42-C-80N-25.000 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
More results

Similar Description - 3GSR42-C-80N-25.000

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR62 EUROQUARTZ-GSR62 Datasheet
99Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
GSR44 EUROQUARTZ-GSR44 Datasheet
94Kb / 1P
   11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
   11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GPA62 EUROQUARTZ-GPA62 Datasheet
104Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
GDF62 EUROQUARTZ-GDF62 Datasheet
103Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
GPF62 EUROQUARTZ-GPF62 Datasheet
104Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
GPF64 EUROQUARTZ-GPF64 Datasheet
103Kb / 1P
   11.4 x 9.6 x 2.5mm SMD VCXO
GDW62 EUROQUARTZ-GDW62 Datasheet
103Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD VCXO
GSR43 EUROQUARTZ-GSR43 Datasheet
88Kb / 1P
   Sine Wave VCXO 11.4 x 9.6 x 3.0mm 10.0MHz ~ 30.0MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com