Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS71401 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS71401
Description  80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71401 Datasheet(HTML) 3 Page - Texas Instruments

  TPS71401 Datasheet HTML 1Page - Texas Instruments TPS71401 Datasheet HTML 2Page - Texas Instruments TPS71401 Datasheet HTML 3Page - Texas Instruments TPS71401 Datasheet HTML 4Page - Texas Instruments TPS71401 Datasheet HTML 5Page - Texas Instruments TPS71401 Datasheet HTML 6Page - Texas Instruments TPS71401 Datasheet HTML 7Page - Texas Instruments TPS71401 Datasheet HTML 8Page - Texas Instruments TPS71401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELECTRICAL CHARACTERISTICS
PIN CONFIGURATION
OUT
NC
FB/NC
IN
NC
GND
1
2
3
6
5
4
3
2
4
5
1
FB/NC
GND
NC
OUT
IN
TPS714xx
www.ti.com ........................................................................................................................................................................................... SBVS116 – DECEMBER 2008
Over the operating junction temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 1V, IOUT = 1mA, and COUT = 1µF,
unless otherwise noted. The adjustable version is tested with VOUT = 2.8V. Typical values are at TJ = +25°C.
TPS714xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT = 10mA
2.5
10
Input voltage(1)
VIN
V
IOUT = 80mA
3
10
Voltage range (TPS71401)
VOUT
1.19
8.8
V
VOUT + 1.0V ≤ VIN ≤ 10V,
0.96 ×
1.04 ×
TPS71401
VOUT(NOM)
1.2V
≤ VOUT ≤ 8.8V, 1mA ≤ IOUT ≤ 80mA
VOUT(NOM)
VOUT(NOM)
Output voltage accuracy(1)
V
TPS71433
4.3V < VIN < 10V, 1mA ≤ IOUT ≤ 80mA
3.135
3.3
3.465
Output voltage
ΔVOUT/ΔVIN
VOUT + 1V < VIN ≤ 10V
5
mV
line regulation(1)
Load regulation
ΔVOUT/ΔIOUT
IOUT = 1mA to 80mA
30
mV
Feedback pin bias current
IFB BIAS
IOUT = 0mA, VIN = 3V to 10V, VOUT = 1.2V,
2
nA
Dropout voltage
VDO
IOUT = 80mA, VIN = VOUT(NOM) – 0.1V
670
1300
mV
Output current limit
ICL
VOUT = 0V
100
1100
mA
TJ = –40°C to +85°C, 1mA ≤ IOUT ≤ 80mA
3.2
4.2
Ground pin current
IGND
1mA
≤ IOUT ≤ 80mA
3.2
4.8
µA
VIN = 10V, 1mA ≤ IOUT ≤ 80mA
6.6
Power-supply ripple
PSRR
f = 100kHz, COUT = 10µF
60
dB
rejection
BW = 200Hz to 100kHz,
Output noise voltage
VIN
575
µVrms
COUT = 10µF, IOUT = 50mA
(1)
Minimum VIN = VOUT + VDO, or the value shown for Input voltage, whichever is greater.
DRV PACKAGE
DCK PACKAGE(1)
SON-6
SC70-5
(TOP VIEW)
(TOP VIEW)
(1)
DCK (SC70) package available Q1, 2009.
Table 1. Pin Descriptions
TPS714xx
DCK(1)
DRV
NAME
FIXED
ADJ.
FIXED
ADJ.
DESCRIPTION
FB/NC
-
1
-
4
Adjustable version only. This pin is used to set the output voltage.
GND
2
2
3, Pad
3, Pad
Ground
No connection. May be left open or tied to ground for improved thermal
NC
1,3
3
2, 4, 5
2, 5
performance.
IN
4
4
1
1
Unregulated input voltage.
Regulated output voltage. Any output capacitor
≥ 0.47
µF can be used for
OUT
5
5
6
6
stability.
(1)
DCK (SC70) package available Q1, 2009.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS71401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71401DCKR TI1-TPS71401DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKR TI1-TPS71401DCKR Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71401DCKR TI1-TPS71401DCKR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
TPS71401DCKT TI1-TPS71401DCKT Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71401DCKT TI1-TPS71401DCKT Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
More results

Similar Description - TPS71401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS714XX TI1-TPS714XX Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
   80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com