Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1862A Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1862A
Description  XFP Laser Control and Digital Diagnostic IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1862A Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1862A Datasheet HTML 2Page - Maxim Integrated Products DS1862A Datasheet HTML 3Page - Maxim Integrated Products DS1862A Datasheet HTML 4Page - Maxim Integrated Products DS1862A Datasheet HTML 5Page - Maxim Integrated Products DS1862A Datasheet HTML 6Page - Maxim Integrated Products DS1862A Datasheet HTML 7Page - Maxim Integrated Products DS1862A Datasheet HTML 8Page - Maxim Integrated Products DS1862A Datasheet HTML 9Page - Maxim Integrated Products DS1862A Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
XFP Laser Control and Digital Diagnostic IC
6
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS—SOFT* CONTROL AND STATUS
(VCC3 = +2.9V to +5.5V, VCC2 = +1.6V to +3.6V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SOFT TX-D Assert Time
tOFF_SOFT
IBIAS and IMOD below 10% of nominal
50
ms
SOFT TX-D Deassert Time
tON_SOFT
IBIAS and IMOD above 90% of nominal
50
ms
SOFT P-DOWN/RST Assert Time
tPDR-ON_SOFT IBIAS and IMOD below 10% of nominal
50
ms
SOFT P-DOWN/RST Deassert Time
tPDR-OFF_SOFT IBIAS and IMOD above 90% of nominal
200
ms
Soft MOD-NR Assert Delay
tMOD-NR-ON
_SOFT
Time from fault to MOD-NR assertion
50
ms
Soft MOD-NR Deassert Delay
tMOD-NR-OFF
_SOFT
Time from read (clear flags) to MOD-NR
deassertion
50
ms
Soft RX_LOS Assert Time
tLOS-
ON_SOFT
Time from SC-RX-LOS assertion to
RX-LOS assertion
50
ms
Soft RX_LOS Deassert Time
tLOS-
OFF_SOFT
Time from SC-RX-LOS deassertion to
RX-LOS deassertion
50
ms
Analog Parameter Data Ready
(DATA-NR)
500
ms
*
All SOFT timing specifications are measured from the falling edge of STOP signal during I2C communication.
ANALOG INPUT CHARACTERISTICS
(VCC3 = +2.9V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IBMD Configurable Source or
Sink (+/-)
0.05
1.50
mA
Source mode
2.0
IBMD Voltage (IBMD - 0μA)
VBMD
Sink mode
IBMD range 0 to 1.5mA
1.2
V
IBMD Input Resistance
RBMD
400
550
700
A/D INPUT VOLTAGE MONITORING (IBIASMON, AUX2MON, AUX1MON, RSSI, BMD)
(VCC3 = +2.9V to +5.5V, TA = -40°C to +100°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Resolution
VMON
610
μV
Supply Resolution
VCC2/3
1.6
mV
Input/Supply Accuracy
ACC
At factory setting
0.25
0.5
%FS
tFRAME1
AUX1MON and AUX2MON disabled
48
52
Update Rate
tFRAME2
All channels enabled
64
75
ms
Input/Supply Offset
VOS
(Note 4)
0
5
LSB
Full-Scale Input (IBIASMON and
RSSI)
At factory setting
2.4875
2.5
2.5125
V
Full-Scale Input (AUX1MON,
AUX2MON, VCC2, VCC3)
At factory setting
(Note 9)
6.5208
6.5536
6.5864
V
BMD (Monitor) (TX-P)
FS setting
1.5
mA


Similar Part No. - DS1862A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
DS1862B MAXIM-DS1862B Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
More results

Similar Description - DS1862A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1862 MAXIM-DS1862 Datasheet
533Kb / 42P
   XFP Laser Control and Digital Diagnostic IC
Rev 0; 2/06
logo
Dallas Semiconductor
DS1864 DALLAS-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
logo
Maxim Integrated Produc...
DS1864 MAXIM-DS1864 Datasheet
644Kb / 72P
   SFP Laser Controller and Diagnostic IC
Rev 0; 4/06
logo
Panasonic Semiconductor
AN8725FH PANASONIC-AN8725FH Datasheet
197Kb / 36P
   Semiconductor laser power control IC
logo
Analog Devices
ADN2928 AD-ADN2928 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
ADN2928 AD-ADN2928_15 Datasheet
291Kb / 12P
   XFP Single Chip Transceiver IC
Rev. PrB
logo
Cirrus Logic
CS1501 CIRRUS-CS1501 Datasheet
820Kb / 11P
   Digital Power Factor Correction Control IC
logo
Sanyo Semicon Device
LB8500M SANYO-LB8500M Datasheet
118Kb / 15P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8502M SANYO-LB8502M Datasheet
95Kb / 11P
   Monolithic Digital IC DC Fan Motor Speed Control IC
LB8503V SANYO-LB8503V Datasheet
163Kb / 20P
   Monolithic Digital IC DC Fan Motor Speed Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com