Part Name
         Description
DS1862A

 XFP Laser Control and Digital Diagnostic IC ( 42 Page)


MAXIM
100% 
Zoom Out Zoom In
 14 page
background image
XFP Laser Control and Digital Diagnostic IC
14
______________________________________________________________________________________
Block Diagram
MUX
VCC2
TX-P
LOGIC
SDA
SCL
MOD-DESEL
IBIASMON
RSSI
BMD
AUX1MON
ALARM AND
WARNING
THRESHOLDS
ALARM AND
WARNING
THRESHOLDS
INTERRUPT
WARNING
FLAGS
ALARM
FLAGS
EN1
EN2
RX-LOS
SC-TX-LOS
SC-RX-LOL
SC-RX-LOS
VCC3
VCC2
VCC3
VCC2
AUX2MON
TX-P
IBMD
TX-P
HIGH BIAS ALARM THRESHOLD
HIGH TX_P ALARM THRESHOLD
LOW TX_P ALARM THRESHOLD
IBIASSET
BIAS AND MOD
ENABLE
TX-F
STARTUP
INITIALIZATION
AND
LASER SAFETY
SHUTDOWN
BLOCK
HIGH BIAS ALARM
HIGH TX_P ALARM
LOW TX_P ALARM
SOFT TX-D
VCC2 OR VCC3
P-DOWN/RST
TX-D
FETG
INT
I2C
INTERFACE
MEASURED DATA
VCC3
VCC3
INTERRUPT
MOD-NR
GND
LOWER MEMORY
ADDRESS
R/W
DATA BUS
ADDRESS
R/W
DATA BUS
INT
TABLE-SELECT BYTE
TABLE
01h
SERIAL ID
DATA
TABLE
02h
EEPROM
TABLE
03h
LUT
TABLE
05h
THRSET
TABLE
04h
MODULE
CONFIG
THRSET
MODSET
BIASSET
HIGH BIAS QT
IBMD
AEXT(IBMD)
BIAS AND
MODULATION
ENABLE
MASKING BITS
RPU
RPU
RPU
MISC
CONTROL
SIGNALS
TEMPERATURE
CONTROLLED
WITH
LUT
TEMPERATURE
SENSOR
VCC3
I TO V
A
DS1862A



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TS4851MONO 1 W SPEAKER AND STEREO 160 mW HEADSET BTL DRIVERS WITH DIGITAL VOLUME CONTROL 1 2 3 4 5 MoreSTMicroelectronics
U846BDigital Wiper Control for Intermittent and Wipe/ Wash Mode 1 2 3 4 5 MoreTEMIC Semiconductors
L9825_03Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control Output Protection and Diagnostic 1 2 3 4 5 MoreSTMicroelectronics
LM96163Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm® BJT Transistor Beta Fan Control and TruTherm® BJT Transistor Beta Coming SoonNational Semiconductor
L9826_05Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control Output Protection and Diagnostic 1 2 3 4 5 MoreSTMicroelectronics
DS1864SFP Laser Controller and Diagnostic IC 1 2 3 4 5 MoreDallas Semiconductor
MIC32891.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control 1 2 3 4 5 MoreMicrel Semiconductor
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
MIC3289_07061.2MHz PWM White LED Driver with Internal Schottky Diode and True 1-Wire Digital Control 1 2 3 4 5 MoreMicrel Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl