Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65146 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65146
Description  Compact LCD Bias IC with LDO, VCOM Buffer and Reset Function
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65146 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65146 Datasheet HTML 5Page - Texas Instruments TPS65146 Datasheet HTML 6Page - Texas Instruments TPS65146 Datasheet HTML 7Page - Texas Instruments TPS65146 Datasheet HTML 8Page - Texas Instruments TPS65146 Datasheet HTML 9Page - Texas Instruments TPS65146 Datasheet HTML 10Page - Texas Instruments TPS65146 Datasheet HTML 11Page - Texas Instruments TPS65146 Datasheet HTML 12Page - Texas Instruments TPS65146 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
FB shorted
toGND
V
5V/div
S
200
s/div
m
V
5V/div
SW
V
IN
2 V/div
V
IN
=5V
V
S
=15V/500mA
V
S
5 V/div
I
L
500 mA/div
10 ms/div
C
SS
=100nF
V
5V/div
FLK
V
10V/div
GHM
V
=20VdowntoGND
RE=80k
GHM
W
40
s/div
m
10 µs/div
V
50mV/div
LVOUT_AC
I
200mA/div
LVOUT
V
50mV/div
LVOUT_AC
V
=3.3V
V
=2.5V
LVIN
LVOUT
C
=1µF
OUT
ILVOUT = 100 mA - 300 mA
-8
-7
-6
-5
-4
-3
-2
-1
0
0
10
20
30
40
50
60
70
l
-LoadCurrent-mA
GL
T
=-40°C
A
V
=3.3V
V
=9V
IN
S
V
=-6.7V
GH
T
=25°C
A
T
=85°C
A
0
10
20
30
40
50
60
70
80
90
100
I
-LoadCurrent-mA
GH
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.5
20.0
V
=3.3V
V
=12V
IN
S
V
=19.8V
GH
T
=-40°C
A
T
=25°C
A
T
=85°C
A
TPS65146
www.ti.com ........................................................................................................................................................................................... SLVS869 – NOVEMBER 2008
BOOST CONVERTER
OVERVOLTAGE PROTECTION
SOFT-START
BOOST CONVERTER (OVP)
Figure 9.
Figure 10.
LOAD TRANSIENT RESPONSE LDO
GATE VOLTAGE SHAPING
Figure 11.
Figure 12.
VGHM VOLTAGE
VGL VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 13.
Figure 14.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS65146


Similar Part No. - TPS65146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140 TI-TPS65140 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI1-TPS65140 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65146

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65148 TI-TPS65148 Datasheet
1Mb / 30P
[Old version datasheet]   Compact TFT LCD Bias IC for Monitor with VCOM Buffer, Voltage Regulator for Gamma Buffer and Reset Function
TPS65150QPWPRQ1 TI-TPS65150QPWPRQ1 Datasheet
706Kb / 27P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
TPS65150 TI-TPS65150 Datasheet
1Mb / 28P
[Old version datasheet]   Low Input Voltage, Compact LCD Bias IC With VCOM Buffer
logo
Maxim Integrated Produc...
MAX20067 MAXIM-MAX20067 Datasheet
4Mb / 39P
   Automotive 3-Channel Display Bias IC with VCOM Buffer, Level Shifter, and I2C Interface
Rev 2; 1/21
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A_08 Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com