Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1375T+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1375T+
Description  I2C Digital Input RTC with Alarm
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1375T+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1375T+ Datasheet HTML 5Page - Maxim Integrated Products DS1375T+ Datasheet HTML 6Page - Maxim Integrated Products DS1375T+ Datasheet HTML 7Page - Maxim Integrated Products DS1375T+ Datasheet HTML 8Page - Maxim Integrated Products DS1375T+ Datasheet HTML 9Page - Maxim Integrated Products DS1375T+ Datasheet HTML 10Page - Maxim Integrated Products DS1375T+ Datasheet HTML 11Page - Maxim Integrated Products DS1375T+ Datasheet HTML 12Page - Maxim Integrated Products DS1375T+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
I2C Digital Input RTC with Alarm
_____________________________________________________________________
9
Control Register (0Eh)
Bit 7/Enable Clock (ECLK). When ECLK is set to logic
1, the CLK input pin is enabled to clock the internal
divider chain and advance the timekeeping registers.
When ECLK is set to logic 0, the divider chain is held in
reset, and the time is not allowed to advance. To syn-
chronize the DS1375 time to a reference, write the
ECLK bit to 0, write the time value, then write ECLK
back to 1. Doing so synchronizes the time value to with-
in one period of the CLK pin from the point in the inter-
face protocol where the ECLK bit is written. ECLK is set
to logic 1 when power is first applied.
Bits 6, 5/Clock Select Bits 1, 0 (CLKSEL1,
CLKSEL0). These bits determine how the CLK input
pin is divided down to get the 1Hz reference clock for
the timekeeping registers (Table 3). The CLKSEL0–1
bits are cleared to logic 0 when power is first applied.
Bits 4, 3/Rate Select (RS2 and RS1). These bits con-
trol the frequency of the square-wave output when the
square wave has been enabled and the CLKSEL0 and
CLKSEL1 bits are set to 0. Table 3 shows the square-
wave frequencies that can be selected with the RS bits.
These bits are set to logic 1 (8.192kHz) when power is
first applied. If either CLKSEL0 or CLKSEL1 are logic 1,
the 1Hz signal is output.
Bit 2/Interrupt Control (INTCN). This bit controls the
SQW/INT signal. When the INTCN bit is set to logic 0, a
square wave is output on the SQW/INT pin. When the
INTCN bit is set to logic 1, a match between the time-
keeping registers and either of the alarm registers acti-
vates the SQW/INT (if the alarm is also enabled). The
corresponding alarm flag is always set, regardless of
the state of the INTCN bit. The INTCN bit is set to logic
0 when power is first applied.
Bit 1/Alarm 2 Interrupt Enable (A2IE). When set to
logic 1, this bit permits the alarm 2 flag (A2F) bit in the
status register to assert SQW/INT (when INTCN = 1).
When the A2IE bit is set to logic 0 or INTCN is set to
logic 0, the A2F bit does not initiate an interrupt signal.
The A2IE bit is disabled (logic 0) when power is first
applied.
Bit 0/Alarm 1 Interrupt Enable (A1IE). When set to
logic 1, this bit permits the alarm 1 flag (A1F) bit in the
status register to assert SQW/INT (when INTCN = 1).
When the A1IE bit is set to logic 0 or INTCN is set to
logic 0, the A1F bit does not initiate the SQW/INT sig-
nal. The A1IE bit is disabled (logic 0) when power is
first applied.
Table 3. CLK Input Frequency, Square-Wave Output Frequency
INTCN
CLKSEL1
CLKSEL0
INPUT FREQUENCY
RS2
RS1
SQUARE-WAVE OUTPUT
FREQUENCY
1
X
X
As selected
X
X
N/A (Interrupt)
0
0
0
32,768Hz
0
0
1Hz
0
0
0
32,768Hz
0
1
1.024kHz
0
0
0
32,768Hz
1
0
4.096kHz
0
0
0
32,768Hz
1
1
8.192kHz
0
0
1
8192Hz
X
X
1Hz
0
1
0
60Hz
X
X
1Hz
0
1
1
50Hz
X
X
1Hz
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ECLK
CLKSEL1
CLKSEL0
RS2
RS1
INTCN
A2IE
A1IE
Control Register (0Eh)


Similar Part No. - DS1375T+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1375 DALLAS-DS1375 Datasheet
315Kb / 11P
   2-Wire Digital Input RTC with Alarm
More results

Similar Description - DS1375T+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1375 DALLAS-DS1375 Datasheet
315Kb / 11P
   2-Wire Digital Input RTC with Alarm
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
   I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
   I2C RTC with Trickle Charger
Rev 8; 4/13
logo
Epson Company
RTC4573 EPSON-RTC4573 Datasheet
157Kb / 12P
   Serial RTC with Alarm and Timer
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
logo
NXP Semiconductors
PCF85053A NXP-PCF85053A Datasheet
662Kb / 43P
   Bootable CPU RTC with two I2C buses, 128 byte SRAM and alarm function
Rev. 1.0 - 31 January 2023
logo
Maxim Integrated Produc...
DS1338 MAXIM-DS1338_11 Datasheet
247Kb / 16P
   I2C RTC with 56-Byte NV RAM
Rev 9/11
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82_08 Datasheet
465Kb / 58P
   Serial I2C bus RTC with battery switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com