Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1302N+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1302N+
Description  Trickle-Charge Timekeeping Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1302N+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1302N+ Datasheet HTML 3Page - Maxim Integrated Products DS1302N+ Datasheet HTML 4Page - Maxim Integrated Products DS1302N+ Datasheet HTML 5Page - Maxim Integrated Products DS1302N+ Datasheet HTML 6Page - Maxim Integrated Products DS1302N+ Datasheet HTML 7Page - Maxim Integrated Products DS1302N+ Datasheet HTML 8Page - Maxim Integrated Products DS1302N+ Datasheet HTML 9Page - Maxim Integrated Products DS1302N+ Datasheet HTML 10Page - Maxim Integrated Products DS1302N+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS1302 Trickle-Charge Timekeeping Chip
7 of 13
CLOCK HALT FLAG
Bit 7 of the seconds register is defined as the clock halt (CH) flag. When this bit is set to logic 1, the clock oscillator
is stopped and the DS1302 is placed into a low-power standby mode with a current drain of less than 100nA. When
this bit is written to logic 0, the clock will start. The initial power-on state is not defined.
WRITE-PROTECT BIT
Bit 7 of the control register is the write-protect bit. The first seven bits (bits 0 to 6) are forced to 0 and always read 0
when read. Before any write operation to the clock or RAM, bit 7 must be 0. When high, the write-protect bit
prevents a write operation to any other register. The initial power-on state is not defined. Therefore, the WP bit
should be cleared before attempting to write to the device.
TRICKLE-CHARGE REGISTER
This register controls the trickle-charge characteristics of the DS1302. The simplified schematic of Figure 5 shows
the basic components of the trickle charger. The trickle-charge select (TCS) bits (bits 4 to 7) control the selection of
the trickle charger. To prevent accidental enabling, only a pattern of 1010 enables the trickle charger. All other
patterns will disable the trickle charger. The DS1302 powers up with the trickle charger disabled. The diode select
(DS) bits (bits 2 and 3) select whether one diode or two diodes are connected between VCC2 and VCC1. If DS is 01,
one diode is selected or if DS is 10, two diodes are selected. If DS is 00 or 11, the trickle charger is disabled
independently of TCS. The RS bits (bits 0 and 1) select the resistor that is connected between VCC2 and VCC1. The
resistor and diodes are selected by the RS and DS bits as shown in Table 2.
Table 2. Trickle Charger Resistor and Diode Select
TCS
BIT 7
TCS
BIT 6
TCS
BIT 5
TCS
BIT 4
DS
BIT 3
DS
BIT 2
RS
BIT 1
RS
BIT 0
FUNCTION
X
X
X
X
X
X
0
0
Disabled
X
X
X
X
0
0
X
X
Disabled
X
X
X
X
1
1
X
X
Disabled
1
0
1
0
0
1
0
1
1 Diode, 2k
Ω
1
0
1
0
0
1
1
0
1 Diode, 4k
Ω
1
0
1
0
0
1
1
1
1 Diode, 8k
Ω
1
0
1
0
1
0
0
1
2 Diodes, 2k
Ω
1
0
1
0
1
0
1
0
2 Diodes, 4k
Ω
1
0
1
0
1
0
1
1
2 Diodes, 8k
Ω
0
1
0
1
1
1
0
0
Initial power-on state
Diode and resistor selection is determined by the user according to the maximum current desired for battery or
super cap charging. The maximum charging current can be calculated as illustrated in the following example.
Assume that a system power supply of 5V is applied to VCC2 and a super cap is connected to VCC1. Also assume
that the trickle charger has been enabled with one diode and resistor R1 between VCC2 and VCC1. The maximum
current IMAX would therefore be calculated as follows:
IMAX = (5.0V – diode drop) / R1 ≈ (5.0V – 0.7V) / 2kΩ ≈ 2.2mA
As the super cap charges, the voltage drop between VCC2 and VCC1 decreases and therefore the charge current
decreases.


Similar Part No. - DS1302N+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302N++ DALLAS-DS1302N+ Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
More results

Similar Description - DS1302N+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Dallas Semiconductor
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1202 DALLAS-DS1202 Datasheet
100Kb / 11P
   Serial Timekeeping Chip
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_11 Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock Trickle-Charge Capability
Rev 4/11
logo
Monolithic Power System...
MP26028 MPS-MP26028 Datasheet
376Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
logo
Rohm
BA3170 ROHM-BA3170 Datasheet
130Kb / 8P
   Trickle-charge IC for two-cell, lithium-ion batteries
logo
Monolithic Power System...
MP26060 MPS-MP26060 Datasheet
284Kb / 11P
   1A Linear Li-Ion Battery Charger with Trickle Charge
MP2602 MPS-MP2602 Datasheet
461Kb / 10P
   28V, 1A Linear Li-Ion Battery Charger with Trickle Charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com