Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS634 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS634
Description  DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS634 Datasheet(HTML) 8 Page - STMicroelectronics

  TS634 Datasheet HTML 1Page - STMicroelectronics TS634 Datasheet HTML 2Page - STMicroelectronics TS634 Datasheet HTML 3Page - STMicroelectronics TS634 Datasheet HTML 4Page - STMicroelectronics TS634 Datasheet HTML 5Page - STMicroelectronics TS634 Datasheet HTML 6Page - STMicroelectronics TS634 Datasheet HTML 7Page - STMicroelectronics TS634 Datasheet HTML 8Page - STMicroelectronics TS634 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TS634
8/9
CAPABILITIES
The table below shows the calculated compo-
nents
for different values of k. In this case
R2=1000
Ω and the gain=16dB. The last column
displays the maximum amplitude level on the line
regarding the TS634 maximum output capabilities
(18Vpp diff.) and a 1:2 line transformer ratio.
MEASUREMENT OF THE POWER
CONSUMPTION
Conditions:
Power Supply: 12V
Passive impedance matching
Transformer turns ratio: 2
Maximun level required on the line: 12.4Vpp
Maximum output level of the driver: 12.4Vpp
Crest factor: 5.3 (Vp/Vrms)
The TS634 power consumption during emission
on 900 and 4550 meter twisted pair telephone
lines: 450mW
Active matching
k
R1
(
Ω)
R3
(
Ω)
Rs
(
Ω)
TS634 Output
Level to get
12.4Vpp on
the line
(Vpp diff)
Maximum
Line level
(Vpp diff)
1.3
820
1500
3.9
8
27.5
1.4
490
1600
5.1
8.7
25.7
1.5
360
2200
6.2
9.3
25.3
1.6
270
2400
7.5
9.9
23.7
1.7
240
3300
9.1
10.5
22.3
Passive matching
12.4
18


Similar Part No. - TS634

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TS63 VISHAY-TS63 Datasheet
139Kb / 3P
   Multi-Turn Surface Mount Miniature 1/4 Square Cermet Trimmers, Fully Sealed
Revision: 05-Aug-04
TS63 VISHAY-TS63 Datasheet
117Kb / 5P
   Multi-Turn Surface Mount Miniature 1/4" Square Cermet Trimmers, Fully Sealed
Revision: 24-Jul-07
TS63 VISHAY-TS63 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
logo
STMicroelectronics
TS635 STMICROELECTRONICS-TS635 Datasheet
126Kb / 10P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
TS635 STMICROELECTRONICS-TS635 Datasheet
164Kb / 5P
   TS135 thur TS1235 THYRISTORS
More results

Similar Description - TS634

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS635 STMICROELECTRONICS-TS635 Datasheet
126Kb / 10P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER FOR ADSL LINE INTERFACE
TS636 STMICROELECTRONICS-TS636 Datasheet
121Kb / 9P
   DIFFERENTIAL VARIABLE GAIN AMPLIFIER FOR ADSL LINE INTERFACE
TS612 STMICROELECTRONICS-TS612 Datasheet
135Kb / 11P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS613 STMICROELECTRONICS-TS613 Datasheet
89Kb / 2P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
May 2005
TS615 STMICROELECTRONICS-TS615_04 Datasheet
905Kb / 36P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS613 STMICROELECTRONICS-TS613_02 Datasheet
142Kb / 10P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS616 STMICROELECTRONICS-TS616_07 Datasheet
665Kb / 36P
   Dual wide band operational amplifier with high output current
TS616 STMICROELECTRONICS-TS616 Datasheet
2Mb / 27P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
TS612 STMICROELECTRONICS-TS612_02 Datasheet
135Kb / 10P
   DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
logo
New Japan Radio
NJM2137 NJRC-NJM2137 Datasheet
165Kb / 3P
   ULTRA WIDE BAND, HIGH SLUE RATE DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com