Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS34S101GN Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS34S101GN
Description  Single/Dual/Quad/Octal TDM-over-Packet Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS34S101GN Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS34S101GN Datasheet HTML 5Page - Maxim Integrated Products DS34S101GN Datasheet HTML 6Page - Maxim Integrated Products DS34S101GN Datasheet HTML 7Page - Maxim Integrated Products DS34S101GN Datasheet HTML 8Page - Maxim Integrated Products DS34S101GN Datasheet HTML 9Page - Maxim Integrated Products DS34S101GN Datasheet HTML 10Page - Maxim Integrated Products DS34S101GN Datasheet HTML 11Page - Maxim Integrated Products DS34S101GN Datasheet HTML 12Page - Maxim Integrated Products DS34S101GN Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ABRIDGED DATA SHEET
____________________________________________________ DS34T101, DS34T102, DS34T104, DS34T108
Rev: 101708
11 of 13
PIN NAME
TYPE
PIN DESCRIPTION
H_WR_BE2_N / SPI_SEL_N
I
Host Write Enable Byte 2 or SPI Chip Select (Active Low)
H_WR_BE3_N / SPI_CI
I
Host Write Enable Byte 3 (Active Low) or SPI Clock Invert
H_READY_N
Oz
Host Ready Output (Active Low)
H_INT
O
Host Interrupt Output.
JTAG Interface
JTRST_N
Ipu
JTAG Test Reset
JTCLK
Ipd
JTAG Test Clock
JTMS
Ipu
JTAG Test Mode Select
JTDI
Ipu
JTAG Test Data Input
JTDO
Oz
JTAG Test Data Output
Reset and Factory Test Pins
RST_SYS_N
Ipu
System Reset (Active Low)
HIZ_N
I
High Impedance Enable (Active Low)
SCEN
Ipd
Used for factory tests.
STMD
Ipd
Used for factory tests.
MBIST_EN
I
Used for factory tests.
MBIST_DONE
O
Used for factory tests.
MBIST_FAIL
O
Used for factory tests
TEST_CLK
O
Used for factory tests.
TST_CLD
I
Used for factory tests. DS34S104 only.
Power and Ground
DVDDC
P
1.8V Core Voltage for TDM-over-Packet Digital logic (17 pins)
DVDDIO
P
3.3V for I/O Pins (16 pins)
DVSS
P
Ground for TDM-over-Packet logic and I/O Pins (31 pins)
ACVDD1, ACVDD2
P
1.8V for CLAD Analog Circuits
ACVSS1, ACVSS2
P
Ground for CLAD Analog Circuits
Note 1:
In pin names, the suffix “n” stands for port number: n=1 to 8 for DS34S108; n=1 to 4 for DS34S104; n=2 for DS34S102; n=1 for
DS34S101. All pin names ending in “_N” are active low.
Note 2:
All pins, except power and analog pins, are CMOS/TTL unless otherwise specified in the pin description.
PIN TYPES
I = input pin
IPD = input pin with internal 50kΩ pulldown to DVSS
IPU = input pin with internal 50kΩ pullup to DVDDIO
IO = input/output pin
IOPD = input/output pin with internal 50kΩ pulldown to DVSS
IOPU = input/output pin with internal 50kΩ pullup to DVDDIO
O = output pin
OZ = output pin that can be placed in a high-impedance state
P = power-supply or ground pin


Similar Part No. - DS34S101GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S101GN MAXIM-DS34S101GN Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S101GN++ MAXIM-DS34S101GN+ Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
More results

Similar Description - DS34S101GN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com