Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS33M31N Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS33M31N
Description  Ethernet Over SONET/SDH Mapper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33M31N Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS33M31N Datasheet HTML 1Page - Maxim Integrated Products DS33M31N Datasheet HTML 2Page - Maxim Integrated Products DS33M31N Datasheet HTML 3Page - Maxim Integrated Products DS33M31N Datasheet HTML 4Page - Maxim Integrated Products DS33M31N Datasheet HTML 5Page - Maxim Integrated Products DS33M31N Datasheet HTML 6Page - Maxim Integrated Products DS33M31N Datasheet HTML 7Page - Maxim Integrated Products DS33M31N Datasheet HTML 8Page - Maxim Integrated Products DS33M31N Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
___________________________________________________ DS33M30/M31/M33 ABRIDGED DATA SHEET
Rev: 101508
4 of 20
1. General Description and Feature Highlights
The DS33M30 family of devices provides interconnection and mapping functionality between Ethernet and
SONET/SDH networking elements. The product family includes three devices with differing features:
DS33M30: One GMII mapped to STS-3c/VC-4 in a compact 10mm package.
DS33M31: One GMII/MII mapped to a protected interface, with higher order EoS and EoPoS.
DS33M33: One GMII/MII mapped to a protected interface, with higher order EoS, EoPoS and DS3/E3
add/drop mux.
All devices in the product family contain an Ethernet MAC port, one or two STS-3/STM-1 SerDes ports with the
LVDS/LVPECL interface, one or three GFP-F/HDLC/cHDLC/X.86 (LAPS) protocol encapsulators, one or three
higher order SONET/SDH mappers, a DDR SDRAM interface, and a local bus port for control/status. Ethernet
traffic is encapsulated with GFP-F, HDLC, cHDLC, or X.86 (LAPS) protocol to be transmitted onto the STS-3/
STM-1 interface. The family receives encapsulated Ethernet frames from the SerDes receiver interface and
transmits the de-encapsulated frames onto the Ethernet port.
With the smallest footprint, the DS33M30 contains the smallest feature set in the product family. It performs EoS
higher order mapping of Ethernet frames into a single STS-3c SPE or VC-4. The DS33M30 has one 1000Mbps
(GbE) port with GMII interface. The DS33M30 supports Ethernet OAM insert/extract capability, QoS Priority
Scheduling, VLAN processing, and committed information rate (CIR)-based policers for the delivery of carrier
Ethernet services.
The DS33M31 and DS33M33 expand on the features of the DS33M30 with additional mapping capabilities. They
support next-generation Ethernet over SONET/SDH in virtually concatenated higher order containers as well as
Ethernet-over-PDH-over-SONET/SDH (EoPoS) at the DS3/E3 level. They have an Ethernet interface that can be
configured as a 10/100Mbps MII/RMII port or a 1000Mbps (GbE) GMII port. They integrate four
mapping/demapping functions:
SONET/SDH mapping: STS-1/VC-3 to STS-3/STM-1; or TU-3 to VC-4 to STM-1
PDH mapping: DS3/E3 to STS-1/VC-3 (or TUG-3/VC-4);
EoS higher order mapping: Ethernet to STS-1/VC-3 (or TU-3); and
EoPoS mapping: Ethernet to DS3/E3 to STS-1/VC-3 (or TUG-3/VC-4).
At the STS-3/STM-1 side, the DS33M31 and DS33M33 devices interface to an STS-3/STM-1 signal through dual
serial-data buses operating at the rate of 155.52Mbps. This allows the implementation of a protected SONET/SDH
at PHY layer. Each serializer/deserializer (SerDes) is supported with independent STS-3/STM-1 framer.
The DS33M33 supports all the features of the DS33M30 and DS33M31, with additional line interfaces for up to
three add/drop DS3/E3 tributaries.
The SerDes interfaces, with LVDS/LVPECL, can be seamlessly connected to commercially available optical
transceivers.
Microprocessor control can be accomplished through an 8/16-bit local bus or SPI bus. The family contains a
125MHz DDR SDRAM controller and interfaces to a 32-bit-wide 256Mb DDR SDRAM through a 16-bit data bus.
The DDR SDRAM is used to buffer data through the Ethernet and STS-3/STM-1 ports.
The power supplies consist of a 1.8V core supply, a 2.5V DDR SDRAM supply, and 3.3V I/O supply.


Similar Part No. - DS33M31N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M31N++ MAXIM-DS33M31N+ Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M31N++ MAXIM-DS33M31N+ Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
More results

Similar Description - DS33M31N

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Vitesse Semiconductor C...
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
   Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
   Optical communication equipment (SONET, SDH, Ethernet)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com