Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61500PWP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61500PWP
Description  3A Boost Converter for High Brightness LED Driver with Multiple Dimming Methods
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61500PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS61500PWP Datasheet HTML 1Page - Texas Instruments TPS61500PWP Datasheet HTML 2Page - Texas Instruments TPS61500PWP Datasheet HTML 3Page - Texas Instruments TPS61500PWP Datasheet HTML 4Page - Texas Instruments TPS61500PWP Datasheet HTML 5Page - Texas Instruments TPS61500PWP Datasheet HTML 6Page - Texas Instruments TPS61500PWP Datasheet HTML 7Page - Texas Instruments TPS61500PWP Datasheet HTML 8Page - Texas Instruments TPS61500PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TPS61500
SLVS893 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
FSW = 1.2MHz(Rfreq=80k
Ω), Vin=3.6V, CRTL=Vin, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.9
18
V
IQ
Operating quiescent current into Vin
Device PWM switching without load,Vin
3.5
mA
=3.6V
ISD
Shutdown current
EN = GND, Vin = 3.6 V
1.5
µA
VUVLO
Under-voltage lockout threshold
VIN falling
2.5
2.7
V
Vhys
Under-voltage lockout hysteresis
130
mV
ENABLE AND REFERENCE CONTROL
Venh
EN logic high voltage
Vin = 2.9 V to 18 V
1.2
V
Venl
EN logic low voltage
Vin = 2.9 V to 18 V
0.4
V
Ren
EN pull down resistor
400
800
1600
k
Toff
Shutdown delay, SS discharge
EN high to low
10
ms
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
195
200
205
mV
IFB
Voltage feedback input bias current
200
nA
VEA_OFF
Error amplifier offset
-10
0
10
mV
Isink
Comp pin sink current
VFB = VREF+200 mV, VCOMP = 1 V
40
µA
Isource
Comp pin source current
VFB = VREF –200 mV, VCOMP = 1 V
40
µA
VCCLP
Comp pin Clamp Voltage
High Clamp
3
V
Low Clamp
0.75
VCTH
Comp pin threshold
Duty cycle = 0%
0.95
V
Gea
Error amplifier transconductance
240
340
440
µmho
Rea
Error amplifier output resistance
10
M
fea
Error amplifier crossover frequency
500
kHz
FREQUENCY
fS
Oscillator frequency
Rfreq = 480 k
0.16
0.21
0.26
MHz
Rfreq = 80 k
1.0
1.2
1.4
Rfreq = 40 k
1.76
2.2
2.64
Dmax
Maximum duty cycle
Rfreq = 80 k
89%
93%
VFREQ
FREQ pin voltage
1.229
V
Tmin_on
Minimum on pulse width
Rfreq = 80 k
60
ns
Rdim_fil
Dimming filter resistance
25
k
POWER SWITCH
RDS(ON)
N-channel MOSFET on-resistance
VIN = VGS = 3.6 V
0.13
0.25
VIN = VGS = 3.0 V
0.3
ILN_NFET
N-channel leakage current
VDS = 40 V, TA = 25°C
1
µA
OC, OVP and SS
ILIM
N-Channel MOSFET current limit
D = Dmax
3
3.8
5
A
ISS
Soft start bias current
Vss = 0 V
6
µA
VOVP
Over voltage protection threshold
1.192
1.229
1.266
V
VOVP_hys
Over voltage protection hysteresis
40
mV
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
T hysteresis
Thermal shutdown threshold hysteresis
15
°C
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS61500


Similar Part No. - TPS61500PWP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS615 TOSHIBA-TPS615 Datasheet
203Kb / 5P
   TOSHIBA PHOTO TRANSISTOR SILICON NPN EPITAXIAL PLANAR
TPS615 TOSHIBA-TPS615 Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
TPS615 TOSHIBA-TPS615 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
TPS615F TOSHIBA-TPS615F Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
TPS615 TOSHIBA-TPS615_07 Datasheet
210Kb / 6P
   Silicon NPN Epitaxial Planar
More results

Similar Description - TPS61500PWP

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM9130HV GAMMA-GM9130HV Datasheet
228Kb / 9P
   3A LED Driver with Dimming Control
logo
Bruckewell Technology L...
BW9130HV BWTECH-BW9130HV Datasheet
488Kb / 5P
   BW9130HV 3A LED Driver with Dimming Control
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Texas Instruments
LM3433 TI1-LM3433_14 Datasheet
165Kb / 15P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Texas Instruments
LM3434 TI1-LM3434 Datasheet
821Kb / 20P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3433 NSC-LM3433 Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Maxic Technology Corpor...
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com