Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3GF14D-80M-156.25 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # 3GF14D-80M-156.25
Description  14 pin Dual-in-Line
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

3GF14D-80M-156.25 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  3GF14D-80M-156.25 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
14 pin Dual-in-Line
GF14 CMOS
PART NUMBERING
Example:
3GF14B-80N-156.25
Supply Voltage
3 = +3.3V
Series Designator
GF14
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz
OUTLINE & DIMENSIONS
DESCRIPTION
Frequency range 50.01MHz to 200MHz (15pF load)
Frequency range 50.01MHz to 320MHz (10pF load)
LVCMOS Output
Supply Voltage 3.3 VDC
Ultra low jitter less than 1ps
Frequency Range
Load 15pF:
50.01MHz to 200.0MHz
Load 10pF:
50.01MHz to 320.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVCMOS
Integrated Phase Jitter:
0.4ps typical, 0.5ps maximum
(for 155.250MHz)
Period Jitter RMS:
3.0ps typical (for 155.250MHz)
Period Jitter Peak to peak:
20ps typical (for 155.250MHz)
Phase Noise:
See table below
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
90% Vdd minimum
Output Voltage LOW (0):
10% Vdd maximum
Pulling Range:
From ±30ppm to ±150ppm
Temperature Stability:
See table
Output Load:
15pF
Start-up Time:
10ms maximum, 5ms typical
Duty Cycle:
50% ±5% measured at 50% Vdd
Rise/Fall Times:
0.7ns typical (15pF load)
Current Consumption
<100MHz:
30mA maximum (15pF load)
>100MHz:
40mA maximum (15pF load)
Linearity:
10% maximum, 6% typical
Modulation Bandwidth:
25kHz minimum
Input Impedance:
60kW minimum
Slope Polarity:
Monotonic and Positive. (An
(Transfer function)
increase of control voltage
always increases output
frequency.)
Storage Temperature:
-50° to +100°C
Ageing:
±5ppm per year maximum
Enable/Disable (Tristate):
Not available (4 pad package)
RoHS Status:
Fully compliant
SPECIFICATION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
GF14 VCXOs, are packaged in an industry-standard, 14 pin Dual in
Line package. GF14 VCXOs provide excellent phase jitter
performance, less than 1ps.
Temp. Range
10Hz
-62dBc/Hz
100Hz
-92dBc/Hz
1kHz
-120dBc/Hz
10kHz
-132dBc/Hz
100kHz
-128dBc/Hz
1MHz
-140dBc/Hz
10MHz
-150dBc/Hz
Offset
Frequency 155.25MHz
PHASE NOISE


Similar Part No. - 3GF14D-80M-156.25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
3GF42A-80M-156.25 EUROQUARTZ-3GF42A-80M-156.25 Datasheet
261Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
3GF42A-80N-156.25 EUROQUARTZ-3GF42A-80N-156.25 Datasheet
261Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
3GF42A-80T-156.25 EUROQUARTZ-3GF42A-80T-156.25 Datasheet
261Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
3GF42B-80M-156.25 EUROQUARTZ-3GF42B-80M-156.25 Datasheet
261Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
3GF42B-80N-156.25 EUROQUARTZ-3GF42B-80N-156.25 Datasheet
261Kb / 1P
   11.4 x 9.6 x 2.5mm 4 pad SMD
More results

Similar Description - 3GF14D-80M-156.25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
   14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
   14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
   14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
   14 pin Dual-in Line
HPA14 EUROQUARTZ-HPA14 Datasheet
208Kb / 1P
   14 pin Dual-in-Line
G14 EUROQUARTZ-G14 Datasheet
222Kb / 1P
   14 pin Dual-in-Line
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
   14 pin Dual-in-Line
GPW14 EUROQUARTZ-GPW14 Datasheet
90Kb / 1P
   14 pin Dual-in-Line VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com