Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3838L30-EP Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3838L30-EP
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3838L30-EP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3838L30-EP Datasheet HTML 4Page - Texas Instruments TPS3838L30-EP Datasheet HTML 5Page - Texas Instruments TPS3838L30-EP Datasheet HTML 6Page - Texas Instruments TPS3838L30-EP Datasheet HTML 7Page - Texas Instruments TPS3838L30-EP Datasheet HTML 8Page - Texas Instruments TPS3838L30-EP Datasheet HTML 9Page - Texas Instruments TPS3838L30-EP Datasheet HTML 10Page - Texas Instruments TPS3838L30-EP Datasheet HTML 11Page - Texas Instruments TPS3838L30-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TYPICAL CHARACTERISTICS
VMR − Manual Reset Voltage − V
−500
−400
−300
−200
−100
0
100
−2
0
2
4
6
VDD = 6 V
CT = GND
TA = 25°C
TA = 85°C
TA = 0°C
TA = −40°C
0
2
4
6
8
10
0
2
4
6
VDD − Supply Voltage − V
MR = Open
CT = GND
TA = −40°C
TA = 0°C
TA = 25°C
TA = 85°C
TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP
TPS3837E18-EP / J25-EP / L30-EP / K33-EP
TPS3838E18-EP / J25-EP / L30-EP / K33-EP
SGLS322D – MAY 2006 – REVISED NOVEMBER 2008.................................................................................................................................................... www.ti.com
Table of Graphs
FIGURE
IDD
Supply current
vs Supply voltage
2
IMR
Manual reset current
vs Manual reset voltage
3
VOL
Low-level output voltage
vs Low-level output current
4
VOH
High-level output voltage
vs High-level output current
5
Normalized reset threshold voltage
vs Free-air temperature
6
Minimum pulse duration at VDD
vs VDD threshold overdrive
7
SUPPLY CURRENT
MANUAL RESET CURRENT
vs
vs
SUPPLY VOLTAGE
MANUAL RESET VOLTAGE
Figure 2.
Figure 3.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP TPS3837E18-EP / J25-EP / L30-EP /
K33-EP TPS3838E18-EP / J25-EP / L30-EP / K33-EP


Similar Part No. - TPS3838L30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838L30-Q1 TI-TPS3838L30-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3838L30-Q1 TI1-TPS3838L30-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Similar Description - TPS3838L30-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com