Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7A4533KTTT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS7A4533KTTT
Description  LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4533KTTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS7A4533KTTT Datasheet HTML 1Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 2Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 3Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 4Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 5Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 6Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 7Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 8Page - Texas Instruments TPS7A4533KTTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DEVICE INFORMATION
TPS7A45xx
www.ti.com ........................................................................................................................................................ SLVS720A – JUNE 2008 – REVISED AUGUST 2008
TERMINAL FUNCTIONS
PIN
DESCRIPTION
NO.
NAME
Shutdown. SHDN is used to put the TPS7A45xx regulators into a low-power shutdown state. The output is off
when SHDN is pulled low. SHDN can be driven either by 5-V logic or open-collector logic with a pullup resistor.
1
SHDN
The pullup resistor is required to supply the pullup current of the open-collector gate, normally several
microamperes, and SHDN current, typically 3
µA. If unused, SHDN must be connected to V
IN. The device is in
the low-power shutdown state if SHDN is not connected.
Input. Power is supplied to the device through IN. A bypass capacitor is required on this pin if the device is more
than six inches away from the main input filter capacitor. In general, the output impedance of a battery rises with
frequency, so it is advisable to include a bypass capacitor in battery-powered circuits. A bypass capacitor
(ceramic) in the range of 1
µF to 10 µF is sufficient. The TPS7A45xx regulators are designed to withstand
2
IN
reverse voltages on IN with respect to ground and on OUT. In the case of a reverse input, which can happen if a
battery is plugged in backwards, the device acts as if there is a diode in series with its input. There is no reverse
current flow into the regulator, and no reverse voltage appears at the load. The device protects both itself and
the load.
Ground. The exposed thermal pad is connected to GND and must be soldered to the PCB for rated thermal
3
GND
performance.
Output. The output supplies power to the load. A minimum output capacitor (ceramic) of 10
µF is required to
4
OUT
prevent oscillations. Larger output capacitors are required for applications with large transient loads to limit peak
voltage transients.
Adjust. For the adjustable version only (TPS7A4501), this is the input to the error amplifier. ADJ is internally
5
ADJ
clamped to ±7 V. It has a bias current of 3
µA that flows into the pin. ADJ voltage is 1.21 V referenced to ground,
and the output voltage range is 1.21 V to 20 V.
Sense. For fixed-voltage versions (TPS7A4515, TPS7A4518, TPS7A4525, and TPS7A4533), SENSE is the
input to the error amplifier. Optimum regulation is obtained at the point where SENSE is connected to the OUT
pin of the regulator. In critical applications, small voltage drops are caused by the resistance (RP) of PC traces
between the regulator and the load. These may be eliminated by connecting SENSE to the output at the load as
5
SENSE
shown in Figure 32. Note that the voltage drop across the external PC traces adds to the dropout voltage of the
regulator. SENSE bias current is 600
µA at the rated output voltage. SENSE can be pulled below ground (as in a
dual supply system in which the regulator load is returned to a negative supply) and still allow the device to start
and operate.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS7A45xx


Similar Part No. - TPS7A4533KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4533KTTT TI-TPS7A4533KTTT Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
More results

Similar Description - TPS7A4533KTTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A45XX_0808 TI-TPS7A45XX_0808 Datasheet
816Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX Datasheet
423Kb / 19P
[Old version datasheet]   LOW-NOISE, FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A45XX TI-TPS7A45XX_09 Datasheet
818Kb / 25P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LDO VOLTAGE REGULATORS
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS7A4501 TI-TPS7A4501_15 Datasheet
3Mb / 37P
[Old version datasheet]   TPS7A45xx Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
TPS75301-EP TI1-TPS75301-EP Datasheet
882Kb / 33P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101QPWPRQ1 TI1-TPS75101QPWPRQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com