Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2100P1YZHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2100P1YZHT
Description  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHT Datasheet(HTML) 5 Page - Texas Instruments

  TPA2100P1YZHT Datasheet HTML 1Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 2Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 3Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 4Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 5Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPERATING CHARACTERISTICS
TYPICAL CHARACTERISTICS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
Class-ABw.
Dynamic
Class-ABw.
Piezo A
VDD =3.6V
Load=PiezoSpeaker
VO =14VppMax.
TPA2100P1w.
Piezo A
Class-Dw.
Dynamic
Pop
Ringtone
Disco
Classical
News − Intro
News − Interview
VDD − SupplyVoltage − V
0
1
2
3
4
5
6
7
8
9
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Gain=12dB
SD
SDa
=
=2V
TPA2100P1
www.ti.com ........................................................................................................................................................................................... SLOS595 – DECEMBER 2008
TA = 25°C, VDD = 3.6 V, SD = SDa = 1.3 V, Gain = 12 dB, Load = 10 Ω + 1 µF + 22 µH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Maximum output voltage
THD+N = 1%, Vdd = 3.0 V, L = 4.7
µH,
19
VOUTMAX
VPP
swing
fAUD_IN ≤ 10 kHz
Total harmonic distortion plus
fAUD_IN = 1 kHz; VOUT = 10 to 18 VP-P
0.07%
THD+N
noise
kSVR
Supply ripple rejection ratio
200 mVPP supply ripple at 217 Hz
–100
dB
RL = 8 Ω, Vicm = 0.5V and Vicm = Vdd – 0.8 V,
CMRR
Input common mode rejection
–60
dB
differential inputs shorted
Av = 12 dB
23.2
ZIN
Input impedance
Av = 16 dB
18.5
k
Av = 24 dB
10
f = 20 to 20 kHz, VOUT = 6 VRMS, Av = 12 dB,
94
SNR
Signal to noise ratio
dB
A-weighted
tON
Start up time (Class-D and
2.5 V
≤ VDD ≤ 5.5 V, no turn-on pop, CIN ≤ 1 µF
8
ms
Boost converter)
TA = 25°C, VDD = 3.6 V, Gain = 12 dB, CIN = 1 µF, LBOOST = 4.7 µH, CBOOST = 10 µF, SD = SDa = 3.6 V,
Load = 10
Ω + 1
µF + 22 µH (unless otherwise noted)
QUIESCENT SUPPLY CURRENT
AVERAGE POWER CONSUMPTION
vs
vs
SUPPLY VOLTAGE
AUDIO DRIVER TYPE
Figure 1.
Figure 2.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA2100P1


Similar Part No. - TPA2100P1YZHT

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Similar Description - TPA2100P1YZHT

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com