Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6745PTP3 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320C6745PTP3
Description  Floating-point Digital Signal Processor
Download  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745PTP3 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320C6745PTP3 Datasheet HTML 2Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 3Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 4Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 5Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 6Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 7Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 8Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 9Page - Texas Instruments TMS320C6745PTP3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 203 page
background image
Contents
TMS320C6745/6747 Floating-point Digital Signal Processor
SPRS377B – SEPTEMBER 2008 – REVISED DECEMBER 2008
www.ti.com
1
TMS320C6745/6747 Floating-point Digital Signal
Behavior
............................................. 60
Processor
................................................. 1
6.3
Power Supplies
...................................... 61
1.1
Features
.............................................. 1
6.4
Reset
................................................ 61
1.2
Trademarks
........................................... 3
6.5
Crystal Oscillator or External Clock Input
........... 64
1.3
Description
............................................ 4
6.6
Clock PLLs
.......................................... 65
1.4
Functional Block Diagram
............................ 5
6.7
Interrupts
............................................ 68
2
Revision History
......................................... 7
6.8
General-Purpose Input/Output (GPIO)
.............. 74
3
Device Overview
......................................... 8
6.9
EDMA
............................................... 77
3.1
Device Characteristics
................................ 8
6.10
External Memory Interface A (EMIFA)
.............. 82
3.2
Device Compatibility
.................................. 9
6.11
External Memory Interface B (EMIFB)
.............. 92
3.3
DSP Subsystem
..................................... 10
6.12
MMC / SD / SDIO (MMCSD)
........................ 97
3.4
Memory Map Summary
............................. 16
6.13
Ethernet Media Access Controller (EMAC)
........ 100
3.5
Pin Assignments
.................................... 19
6.14
Management Data Input/Output (MDIO)
........... 106
3.6
Terminal Functions
.................................. 21
6.15
Multichannel Audio Serial Ports (McASP0, McASP1,
and McASP2)
...................................... 108
4
Device Configuration
.................................. 38
6.16
Serial Peripheral Interface Ports (SPI0, SPI1)
..... 124
4.1
Introduction
.......................................... 38
6.17
Enhanced Capture (eCAP) Peripheral
............. 142
4.2
Boot Modes Supported
.............................. 38
6.18
Enhanced Quadrature Encoder (eQEP)
4.3
SYSCFG Module
.................................... 38
Peripheral
.......................................... 145
4.4
Pin Multiplexing Control Registers
.................. 39
6.19
Enhanced High-Resolution Pulse-Width Modulator
4.5
Bus Master Priority Configuration
................... 41
(eHRPWM)
......................................... 147
4.6
Chip Configuration Registers (CFGCHIP and
6.20
LCD Controller
..................................... 151
SUSPSRC)
.......................................... 45
6.21
Timers
.............................................. 166
4.7
DSP Communication Registers
..................... 52
6.22
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
.. 168
4.8
Device Support
...................................... 53
6.23
Universal Asynchronous Receiver/Transmitter
4.9
Documentation Support
............................. 54
(UART)
............................................. 172
5
Device Operating Conditions
........................ 56
6.24
USB1 Host Controller Registers (USB1.1 OHCI)
.. 174
5.1
Absolute Maximum Ratings Over Operating Case
6.25
USB0 OTG (USB2.0 OTG)
........................ 175
Temperature Range
6.26
Host-Port Interface (UHPI)
......................... 183
(Unless Otherwise Noted)
.......................... 56
6.27
Power and Sleep Controller (PSC)
................ 190
5.2
Recommended Operating Conditions
............... 57
5.3
Electrical Characteristics Over Recommended
6.28
Emulation Logic
.................................... 192
Ranges of Supply Voltage and Operating Case
6.29
Real Time Clock (RTC)
............................ 194
Temperature (Unless Otherwise Noted)
............ 58
7
Mechanical Packaging and Orderable
6
Peripheral Information and Electrical
Information
............................................. 198
Specifications
........................................... 59
7.1
Thermal Data for ZKB
.............................. 198
6.1
Parameter Information
.............................. 59
7.2
Thermal Data for PTP
.............................. 199
6.2
Recommended Clock and Control Signal Transition
7.3
Mechanical Drawings
.............................. 199
Contents
6
Submit Documentation Feedback


Similar Part No. - TMS320C6745PTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6745PTP3 TI-TMS320C6745PTP3 Datasheet
1Mb / 209P
[Old version datasheet]   Floating-point Digital Signal Processor
More results

Similar Description - TMS320C6745PTP3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com