Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G576 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # G576
Description  7 x 5 x 1.8mm 6 pad SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

G576 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  G576 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
G576 CMOS
DESCRIPTION
Frequency range 0.625MHz to 50.0MHz
CMOS/TTL Output
Supply Voltage 5.0 V or 3.3 VDC
Integrated Phase Jitter 1ps typical
Low cost unit
PART NUMBERING
Example:
3G576B-80N-27.000
Supply Voltage
3 = +3.3V
5 = +5.0V
Series Designator
G576
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz
G576 VCXOs, are packaged in a miniature 7mm x 5mm x 1.8mm 6
pad SMD package. Typical phase jitter for G series VCXOs is <1ps,
output CMOS/TTL. G series VCXOs use fundamental mode crystal
osccillators. Applications include phase lock loop, SONET/ATM, set-
top boxes, MPEG , audio/video modulation, video game consoles and
HDTV.
10Hz
-70dBc/Hz
100Hz
-105dBc/Hz
1kHz
-132dBc/Hz
10kHz
-142dBc/Hz
1MHz
-150dBc/Hz
Offset
Frequency 27.0MHz
PHASE NOISE
Frequency Range
Vdd = +3.3VDC:
0.625MHz to 50.0MHz
Vdd = +5.0VDC:
1.0MHz to 50.0MHz
Supply Voltage:
+3.3 VDC ±5% or +5.0VDC±5%
Output Logic:
TTL/HCMOS
Integrated Phase Jitter:
1.0ps maximum 12kHz to 20MHz
Period Jitter RMS:
2.0ps typical
Period Jitter Peak to Peak:
14ps maximum
Phase Noise:
See table below
Initial Frequency Accuracy
Tune to the nominal frequency with:
+3.3VDC:
Vc= 1.65V ±0.2V
+5.0 VDC:
Vc= 2.5V ±0.2V
Output Voltage HIGH (1):
90% Vdd minimum
Output Voltage LOW (0):
10% Vdd maximum
Control Voltage Centre
+3.3VDC:
1.65V
+5.0VDC:
2.5V
Control Voltage Range
+3.3VDC:
0.3V to 3.0V
+5.0VDC:
0.5V to 4.5V
Pulling Range
+3.3VDC
±80ppm to ±120ppm (standard)
+5.0VDC:
±80ppm to ±150ppm
(±200ppm available)
Temperature Stability:
See table
Output Load:
CMOS = 15pF, TTL = 2 gates
Start-up Time:
10ms maximum, 5ms typical
Duty Cycle:
50% ±5% measured at 50% Vdd
Rise/Fall Times:
0.7ns typical (15pF load)
Current Consumption:
10 to 45mA, frequency
dependent
Linearity:
10% maximum, 6% typical
Modulation Bandwidth:
10kHz minimum
Input Impedance:
1 MW minimum
Slope Polarity:
Monotonic and Positive. (An
(Transfer function)
increase of control voltage
always increases output
frequency.)
Storage Temperature:
-50° to +100°C
Ageing:
±5ppm per year maximum
RoHS Status:
Fully compliant
SPECIFICATION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm Temp. Range
7 x 5 x 1.8mm 6 pad SMD
OUTLINE & DIMENSIONS
Pads 2 and 5 are
connected internally


Similar Part No. - G576

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Mercury United Electron...
G576 MERCURY-G576 Datasheet
69Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Global Mixed-mode Techn...
G5762 GMT-G5762 Datasheet
83Kb / 1P
   2A Step-down DC/DC
G5762A GMT-G5762A Datasheet
83Kb / 1P
   2A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
   3A Step-down DC/DC
More results

Similar Description - G576

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GV576 EUROQUARTZ-GV576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
HDW576 EUROQUARTZ-HDW576 Datasheet
138Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GF576 EUROQUARTZ-GF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
   7 x 5 x 1.8mm SMD
GDW576 EUROQUARTZ-GDW576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GPA576 EUROQUARTZ-GPA576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GPF576 EUROQUARTZ-GPF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GPW576 EUROQUARTZ-GPW576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GDF576 EUROQUARTZ-GDF576 Datasheet
225Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com